Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3136D2PWP Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3136D2PWP
Szczegółowy opis  TPA3136D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3136D2PWP Arkusz danych(HTML) 4 Page - Texas Instruments

  TPA3136D2PWP Datasheet HTML 1Page - Texas Instruments TPA3136D2PWP Datasheet HTML 2Page - Texas Instruments TPA3136D2PWP Datasheet HTML 3Page - Texas Instruments TPA3136D2PWP Datasheet HTML 4Page - Texas Instruments TPA3136D2PWP Datasheet HTML 5Page - Texas Instruments TPA3136D2PWP Datasheet HTML 6Page - Texas Instruments TPA3136D2PWP Datasheet HTML 7Page - Texas Instruments TPA3136D2PWP Datasheet HTML 8Page - Texas Instruments TPA3136D2PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
4
TPA3136D2
SLOS938B – MAY 2016 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPA3136D2
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O/P(1)
DESCRIPTION
NAME
NUMBER
PBTL
14
I
Parallel BTL mode select pin. L=Stereo BTL mode, H=Mono PBTL mode
PVCC
15, 16
P
Power supply for right channel H-bridge. Right channel and left channel power supply inputs are
connected internally.
BSPR
17
I
Bootstrap I/O for right channel, positive high-side FET.
OUTPR
18
O
Class-D H-bridge positive output for right channel.
GND
19
P
Power ground for the H-bridges.
OUTNR
20
O
Class-D H-bridge negative output for right channel.
BSNR
21
I
Bootstrap I/O for right channel, negative high-side FET.
BSNL
22
I
Bootstrap I/O for left channel, negative high-side FET.
OUTNL
23
O
Class-D H-bridge negative output for left channel.
GND
24
P
Power ground for the H-bridges.
OUTPL
25
O
Class-D H-bridge positive output for left channel.
BSPL
26
I
Bootstrap I/O for left channel, positive high-side FET.
PVCC
27, 28
P
Power supply for left channel H-bridge. Right channel and left channel power supply inputs are
connected internally.
Thermal Pad
P
Connect to GND for best thermal and electrical performance


Podobny numer części - TPA3136D2PWP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3136D2PWP TI1-TPA3136D2PWP Datasheet
1Mb / 35P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3136D2PWPR TI1-TPA3136D2PWPR Datasheet
1Mb / 35P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
More results

Podobny opis - TPA3136D2PWP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3136D2 TI1-TPA3136D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3140D2 TI1-TPA3140D2 Datasheet
1Mb / 40P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3137D2 TI1-TPA3137D2 Datasheet
1Mb / 35P
[Old version datasheet]   TPA3137D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3140D2 TI-TPA3140D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3140D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3144D2 TI-TPA3144D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3144D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3144D2 TI1-TPA3144D2 Datasheet
1Mb / 40P
[Old version datasheet]   6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
logo
Eutech Microelectronics...
EUA2380 EUTECH-EUA2380 Datasheet
98Kb / 1P
   10-W Inductor Free Stereo Audio Amplifier with Low EMI
logo
Texas Instruments
TPA3138D2 TI1-TPA3138D2 Datasheet
970Kb / 35P
[Old version datasheet]   10-W, 3.5-V to 14.4-V, Inductor Less, Analog Input, Stereo, Class-D Audio Amplifier with Ultra Low EMI
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com