Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM239N Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części LM239N
Szczegółowy opis  QUAD DIFFERENTIAL COMPARATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM239N Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button LM239N Datasheet HTML 3Page - Texas Instruments LM239N Datasheet HTML 4Page - Texas Instruments LM239N Datasheet HTML 5Page - Texas Instruments LM239N Datasheet HTML 6Page - Texas Instruments LM239N Datasheet HTML 7Page - Texas Instruments LM239N Datasheet HTML 8Page - Texas Instruments LM239N Datasheet HTML 9Page - Texas Instruments LM239N Datasheet HTML 10Page - Texas Instruments LM239N Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
LM139, LM139A, LM239, LM239A,
LM339, LM339A, LM2901, LM2901V
QUAD DIFFERENTIAL COMPARATORS
SLCS006L − OCTOBER 1979 − REVISED JUNE 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TA‡
LM2901
UNIT
PARAMETER
TEST CONDITIONS†
TA‡
MIN
TYP
MAX
UNIT
V
= V
(min),
Non-A devices
25
°C
2
7
VIO
Input offset voltage
VIC = VICR(min),
VO = 1.4 V,
Non-A devices
Full range
15
mV
VIO
Input offset voltage
IC
ICR
VO = 1.4 V,
VCC = 5 V to MAX§ A-suffix devices
25
°C
1
2
mV
VCC = 5 V to MAX§ A-suffix devices
Full range
4
IIO
Input offset current
VO = 1.4 V
25
°C
5
50
nA
IIO
Input offset current
VO = 1.4 V
Full range
200
nA
IIB
Input bias current
VO = 1.4 V
25
°C
−25
−250
nA
IIB
Input bias current
VO = 1.4 V
Full range
−500
nA
VICR
Common-mode input-voltage
25
°C
0 to
VCC−1.5
V
VICR
Common-mode input-voltage
range
Full range
0 to
VCC−2
V
AVD
Large-signal differential-voltage
amplification
VCC = 15 V,
VO = 1.4 V to 11.4 V,
RL ≥ 15 kΩ to VCC
25
°C
25
100
V/mV
IOH
High-level output current
VID = 1 V
VOH = 5 V
25
°C
0.1
50
nA
IOH
High-level output current
VID = 1 V
VOH = VCC MAX§
Full range
1
µA
VID = −1 V,
Non-V devices
25
°C
150
500
VOL
Low-level output voltage
VID = −1 V,
IOL = 4 mA
V-suffix devices
25
°C
150
400
mV
VOL
Low-level output voltage
IOL = 4 mA
All devices
Full range
700
mV
IOL
Low-level output current
VID = −1 V,
VOL = 1.5 V
25
°C
6
16
mA
ICC
Supply current
VO = 2.5 V,
VCC = 5 V
25
°C
0.8
2
mA
ICC
Supply current
(four comparators)
VO = 2.5 V,
No load
VCC = MAX§
25
°C
1
2.5
mA
† All characteristics are measured with zero common-mode input voltage, unless otherwise specified.
‡ Full range (MIN to MAX) for LM2901 is −40°C to 125°C. All characteristics are measured with zero common-mode input voltage, unless otherwise
specified.
§ VCC MAX = 30 V for non-V devices, and 32 V for V-suffix devices.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
LM2901
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Response time
RL connected to 5 V through 5.1 kΩ,
100-mV input step with 5-mV overdrive
1.3
µs
Response time
RL connected to 5 V through 5.1 kΩ,
CL = 15 pF¶, See Note 8
TTL-level input step
0.3
µs
¶ CL includes probe and jig capacitance.
NOTE 8: The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.


Podobny numer części - LM239N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
LM239N MOTOROLA-LM239N Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
STMicroelectronics
LM239N STMICROELECTRONICS-LM239N Datasheet
483Kb / 16P
   Low-power quad voltage comparators
logo
ON Semiconductor
LM239N ONSEMI-LM239N Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Texas Instruments
LM239N TI1-LM239N Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
NXP Semiconductors
LM239N PHILIPS-LM239N Datasheet
75Kb / 10P
   Quad voltage comparator
1995 Nov 27
More results

Podobny opis - LM239N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_15 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
LM111 TI1-LM111_15 Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com