Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQP12N60C Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FQP12N60C
Szczegółowy opis  FQP12N60C/FQPF12N60C
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP12N60C Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FQP12N60C Datasheet HTML 1Page - Fairchild Semiconductor FQP12N60C Datasheet HTML 2Page - Fairchild Semiconductor FQP12N60C Datasheet HTML 3Page - Fairchild Semiconductor FQP12N60C Datasheet HTML 4Page - Fairchild Semiconductor FQP12N60C Datasheet HTML 5Page - Fairchild Semiconductor FQP12N60C Datasheet HTML 6Page - Fairchild Semiconductor FQP12N60C Datasheet HTML 7Page - Fairchild Semiconductor FQP12N60C Datasheet HTML 8Page - Fairchild Semiconductor FQP12N60C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. B, October 2003
QFETTM
FQP12N60C/FQPF12N60C
600V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switched mode power supplies,
active power factor correction, electronic lamp ballasts
based on half bridge topology.
Features
• 12A, 600V, RDS(on) = 0.65Ω @VGS = 10 V
• Low gate charge ( typical 48 nC)
• Low Crss ( typical 21 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
* Drain current limited by maximum junction temperature.
Thermal Characteristics
Symbol
Parameter
FQP12N60C
FQPF12N60C
Units
VDSS
Drain-Source Voltage
600
V
ID
Drain Current
- Continuous (TC = 25°C)
12
12 *
A
- Continuous (TC = 100°C)
7.4
7.4 *
A
IDM
Drain Current
- Pulsed
(Note 1)
48
48 *
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
870
mJ
IAR
Avalanche Current
(Note 1)
12
A
EAR
Repetitive Avalanche Energy
(Note 1)
22.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TC = 25°C)
225
51
W
- Derate above 25°C
1.78
0.41
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
FQP12N60C
FQPF12N60C
Units
RθJC
Thermal Resistance, Junction-to-Case
0.56
2.43
°C/W
RθJS
Thermal Resistance, Case-to-Sink Typ.
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
62.5
°C/W
TO-220
FQP Series
G
S
D
TO-220F
FQPF Series
G
S
D
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G


Podobny numer części - FQP12N60C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQP12N60C FAIRCHILD-FQP12N60C Datasheet
1Mb / 10P
   600V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
FQP12N60C KERSEMI-FQP12N60C Datasheet
1Mb / 9P
   600V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP12N60C FAIRCHILD-FQP12N60C Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FQP12N60C FAIRCHILD-FQP12N60C_07 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com