Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC12095 Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części MC12095
Szczegółowy opis  2.5 GHz Low Power Prescaler With Stand-By Mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC12095 Arkusz danych(HTML) 8 Page - ON Semiconductor

  MC12095 Datasheet HTML 1Page - ON Semiconductor MC12095 Datasheet HTML 2Page - ON Semiconductor MC12095 Datasheet HTML 3Page - ON Semiconductor MC12095 Datasheet HTML 4Page - ON Semiconductor MC12095 Datasheet HTML 5Page - ON Semiconductor MC12095 Datasheet HTML 6Page - ON Semiconductor MC12095 Datasheet HTML 7Page - ON Semiconductor MC12095 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MC12095
http://onsemi.com
8
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes
without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular
purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability,
including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be
validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others.
SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or
death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold
SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable
attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
JAPAN: ON Semiconductor, Japan Customer Focus Center
4–32–1 Nishi–Gotanda, Shinagawa–ku, Tokyo, Japan 141–0031
Phone: 81–3–5740–2700
Email: r14525@onsemi.com
ON Semiconductor Website: http://onsemi.com
For additional information, please contact your local
Sales Representative.
MC12095/D
MOSAIC V is a trademark of Motorola, Inc.
Literature Fulfillment:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303–675–2175 or 800–344–3860 Toll Free USA/Canada
Fax: 303–675–2176 or 800–344–3867 Toll Free USA/Canada
Email: ONlit@hibbertco.com
N. American Technical Support: 800–282–9855 Toll Free USA/Canada


Podobny numer części - MC12095

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC12095 ONSEMI-MC12095 Datasheet
133Kb / 8P
   2.5 GHz Low Power Prescaler With Stand?묪y Mode
January, 2006 ??Rev. 6
logo
Motorola, Inc
MC12095 MOTOROLA-MC12095 Datasheet
250Kb / 5P
   2.5 GHz Low Power Prescaler With Stand-By Mode
logo
ON Semiconductor
MC12095D ONSEMI-MC12095D Datasheet
133Kb / 8P
   2.5 GHz Low Power Prescaler With Stand?묪y Mode
January, 2006 ??Rev. 6
logo
Motorola, Inc
MC12095D MOTOROLA-MC12095D Datasheet
250Kb / 5P
   2.5 GHz Low Power Prescaler With Stand-By Mode
logo
ON Semiconductor
MC12095DG ONSEMI-MC12095DG Datasheet
133Kb / 8P
   2.5 GHz Low Power Prescaler With Stand?묪y Mode
January, 2006 ??Rev. 6
More results

Podobny opis - MC12095

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC12095 MOTOROLA-MC12095 Datasheet
250Kb / 5P
   2.5 GHz Low Power Prescaler With Stand-By Mode
logo
ON Semiconductor
MC12095 ONSEMI-MC12095_06 Datasheet
133Kb / 8P
   2.5 GHz Low Power Prescaler With Stand?묪y Mode
January, 2006 ??Rev. 6
logo
Motorola, Inc
MC12053A MOTOROLA-MC12053A Datasheet
252Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler With Stand-By Mode
logo
ON Semiconductor
MC12093 ONSEMI-MC12093_16 Datasheet
144Kb / 5P
   1.1 GHz Low Power Prescaler with Stand?륛y Mode
August, 2016 ??Rev. 8
logo
Fujitsu Component Limit...
MB509 FUJITSU-MB509 Datasheet
104Kb / 9P
   TWO MODULUS PRESCALER WITH STAND-BY MODE
logo
Motorola, Inc
MC12093 MOTOROLA-MC12093 Datasheet
244Kb / 3P
   /2,/4,/8 1.1GHz Low Power Prescaler with Stand-By Mode
logo
ON Semiconductor
MC12093 ONSEMI-MC12093_06 Datasheet
129Kb / 5P
   /2,/4,/8 1.1 GHz Low Power Prescaler with Stand?묪y Mode
January, 2006 ??Rev. 6
logo
NEC
UPB586B NEC-UPB586B Datasheet
62Kb / 4P
   2.5 GHz DIVIDE- BY- 512/256 PRESCALER
logo
Peregrine Semiconductor...
PE83501 PEREGRINE-PE83501 Datasheet
269Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-2 Prescaler
PE83502 PEREGRINE-PE83502 Datasheet
247Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-4 Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com