Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL-15 Arkusz danych(PDF) 1 Page - Cooper Bussmann, Inc.

Numer części TL-15
Szczegółowy opis  Edison base plug fuses ??time-delay, 125 volts, 15-30 amps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COOPER [Cooper Bussmann, Inc.]
Strona internetowa  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TL-15 Arkusz danych(HTML) 1 Page - Cooper Bussmann, Inc.

  TL-15 Datasheet HTML 1Page - Cooper Bussmann, Inc. TL-15 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Edison base plug fuses – time-delay, 125 volts,
15-30 amps
Catalog symbol:
TL - (amps)
BP/TL - (amps)
TL - (amps)RK4
Description:
Bussmann® series time-delay, loaded link
Edison base plug fuse.
Specifications:
Ratings
Volts — 125 Vac or less
Amps — 15 to 30 A
Interrupting rating — 10 kA RMS Sym
Agency Information
UL® Listed, Std. 248-11, Guide JEFV, File
E12112
CE
Catalog numbers (amps)
TL - 15
TL - 20
TL - 25
TL - 30
Package quantity and weight
Amp
ratings
Quantity
Weight
Per
box
Per
card
Per
box
Per 5
cards
15 to 30 A
4
3
0.24
1.04
Features:
Medium duty time-delay plug fuse
Will withstand typical motor starting surges
Use in residential or light-duty circuits that
contain electric motors
Edison base size
These fuses thread into fuse receptacles or
box cover units for supplemental protection
Recommended fuse holders
Catalog
numbers
Type
box
Catalog
numbers
Type
box
SOU
2 1/4”
handy
SOY
4”
square
SRU
SRY
SSU
SSY
SOW
2 3/4”
handy
SSY-RL
SRW
STY
SSW
SCY
SOX
4”
octagon
SOY-B
SRX
SSN
Single
gang
Technical Data 1035
Effective May 2016
Supersedes December 1998
BUSSMANN
SERIES


Podobny numer części - TL-15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Eaton All Rights Reserv...
TL-15 EATON-TL-15 Datasheet
147Kb / 2P
   Edison base plug fuses ??time-delay, 125 volts, 15-30 amps
logo
Richco, Inc.
TL-1500 RICHCO-TL-1500 Datasheet
57Kb / 1P
   TWIST - LOK
More results

Podobny opis - TL-15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Eaton All Rights Reserv...
TL-15 EATON-TL-15 Datasheet
147Kb / 2P
   Edison base plug fuses ??time-delay, 125 volts, 15-30 amps
logo
Cooper Bussmann, Inc.
TL-20 COOPER-TL-20 Datasheet
24Kb / 1P
   Plug Fuses Time-Delay, Edison Base 125 Volts, 15??0 Amps
logo
Eaton All Rights Reserv...
SL-15 EATON-SL-15 Datasheet
147Kb / 2P
   Rejection base plug fuses ??time-delay, 125 volts, 15-30 amps
T-3-10 EATON-T-3-10 Datasheet
129Kb / 2P
   Edison base plug fuses ??dual-element, time-delay, 125 volts, up to 30 amps
logo
Cooper Bussmann, Inc.
T-2-1-4 COOPER-T-2-1-4 Datasheet
26Kb / 1P
   Dual-Element, Time-Delay, Edison Base 125 Volts, 1??0 Amps
logo
Eaton All Rights Reserv...
W-1-2 EATON-W-1-2 Datasheet
127Kb / 2P
   Edison base plug fuses ??fast-acting, 125 volts, 1/2??2 amps
logo
Cooper Bussmann, Inc.
W-12 COOPER-W-12 Datasheet
127Kb / 2P
   Edison base plug fuses ??fast-acting, 125 volts, 1/2??2 amps
logo
Eaton All Rights Reserv...
S-1-4 EATON-S-1-4 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
logo
Cooper Bussmann, Inc.
SL-15 COOPER-SL-15 Datasheet
147Kb / 2P
   Rejection base plug fuses ??time-delay,
T-310 COOPER-T-310 Datasheet
129Kb / 2P
   Edison base plug fuses ??dual-element
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com