Zakładka z wyszukiwarką danych komponentów |
|
STK11C68-5K35M Arkusz danych(PDF) 10 Page - List of Unclassifed Manufacturers |
|
STK11C68-5K35M Arkusz danych(HTML) 10 Page - List of Unclassifed Manufacturers |
10 / 10 page STK11C68-M 4-40 Temperature Range M = Military (-55 to 125 degrees C) Access Time 35 = 35ns 45 = 45ns 55 = 55ns Package C = Ceramic 28 pin 300-mil DIP with gold lead finish K = Ceramic 28 pin 300-mil DIP with solder DIP finish L = Ceramic 28 pin LCC Retention / Endurance 10 years / 100,000 cycles STK11C68 - 5 C 35 M Lead Finish A = Solder DIP lead finish C = Gold lead DIP finish X = lead finish "A" or "C" is acceptable Package MX = Ceramic 28 pin 300-mil DIP MY = Ceramic 28 pin LCC Access Time 04 = 55ns 05 = 45ns 06 = 35ns 5962-92324 04 MX X ORDERING INFORMATION |
Podobny numer części - STK11C68-5K35M |
|
Podobny opis - STK11C68-5K35M |