Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM26C31IPW Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części AM26C31IPW
Szczegółowy opis  AM26C31 Quadruple Differential Line Driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

AM26C31IPW Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button AM26C31IPW Datasheet HTML 6Page - Texas Instruments AM26C31IPW Datasheet HTML 7Page - Texas Instruments AM26C31IPW Datasheet HTML 8Page - Texas Instruments AM26C31IPW Datasheet HTML 9Page - Texas Instruments AM26C31IPW Datasheet HTML 10Page - Texas Instruments AM26C31IPW Datasheet HTML 11Page - Texas Instruments AM26C31IPW Datasheet HTML 12Page - Texas Instruments AM26C31IPW Datasheet HTML 13Page - Texas Instruments AM26C31IPW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
1A
G
2A
4A
G
3A
1
4
7
9
12
15
3Y
10
3Z
11
1Y
2
1Z
3
4Y
14
4Z
13
2Y
6
2Z
5
Copyright © 2016, Texas Instruments Incorporated
10
AM26C31
SLLS103O – DECEMBER 1990 – REVISED JUNE 2016
www.ti.com
Product Folder Links: AM26C31
Submit Documentation Feedback
Copyright © 1990–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The AM26C31 is a quadruple differential line driver with complementary outputs. The device is designed to meet
the requirements of TIA/EIA-422-B and ITU (formerly CCITT), and it is generally used to communicate over
relatively long wires in noisy environments.
8.2 Functional Block Diagrams
Pin numbers shown are for the D, DB, J, N, NS, PW, and W packages.
Figure 6. Logic Diagram (Positive Logic)


Podobny numer części - AM26C31IPW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM26C31IPW TI-AM26C31IPW Datasheet
150Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
REVISED SEPTEMBER 1998
AM26C31IPW TI-AM26C31IPW Datasheet
608Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31IPW TI-AM26C31IPW Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31IPW TI-AM26C31IPW Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31IPWE4 TI-AM26C31IPWE4 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results

Podobny opis - AM26C31IPW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Differential Line Driver
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com