Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ABTH32316PN Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ABTH32316PN
Szczegółowy opis  16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABTH32316PN Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button SN74ABTH32316PN Datasheet HTML 3Page - Texas Instruments SN74ABTH32316PN Datasheet HTML 4Page - Texas Instruments SN74ABTH32316PN Datasheet HTML 5Page - Texas Instruments SN74ABTH32316PN Datasheet HTML 6Page - Texas Instruments SN74ABTH32316PN Datasheet HTML 7Page - Texas Instruments SN74ABTH32316PN Datasheet HTML 8Page - Texas Instruments SN74ABTH32316PN Datasheet HTML 9Page - Texas Instruments SN74ABTH32316PN Datasheet HTML 10Page - Texas Instruments SN74ABTH32316PN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SN54ABTH32316, SN74ABTH32316
16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SCBS179E – JUNE 1992 – REVISED MAY 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
SN54ABTH32316
SN74ABTH32316
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
fmax
150
150
MHz
tPLH
A B or C
CBor A
0.8
6.5
1.4
6.1
ns
tPHL
A, B, or C
C, B, or A
0.5
6.8
1.1
6.6
ns
tPLH
SEL
ABor C
0.8
6.7
1.4
6.5
ns
tPHL
SEL
A, B, or C
0.8
6.8
1.8
6.5
ns
tPLH
LE
ABor C
1.5
8
2.6
7.5
ns
tPHL
LE
A, B, or C
1.5
7.4
2.6
6.9
ns
tPLH
CLK
ABor C
1.5
8
2.5
7.5
ns
tPHL
CLK
A, B, or C
1.5
7.2
2.5
6.7
ns
tPZH
OE
ABor C
0.8
6.7
1.5
6.4
ns
tPZL
OE
A, B, or C
1.5
7.1
2.4
6.8
ns
tPHZ
OE
ABor C
0.8
7.2
1.5
6
ns
tPLZ
OE
A, B, or C
0.8
6.4
1.9
6.1
ns


Podobny numer części - SN74ABTH32316PN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABTH32316PN TI-SN74ABTH32316PN Datasheet
197Kb / 12P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN74ABTH32316PNG4 TI-SN74ABTH32316PNG4 Datasheet
197Kb / 12P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
More results

Podobny opis - SN74ABTH32316PN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABT32316 TI1-SN74ABT32316 Datasheet
193Kb / 11P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI-SN54ABTH32316 Datasheet
135Kb / 9P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI-SN54ABTH32316_07 Datasheet
197Kb / 12P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABT32318 TI1-SN54ABT32318 Datasheet
157Kb / 9P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32318 TI-SN54ABTH32318 Datasheet
133Kb / 9P
[Old version datasheet]   18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32318 TI-SN54ABTH32318_06 Datasheet
189Kb / 11P
[Old version datasheet]   18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
logo
Integrated Device Techn...
IDT73720A IDT-IDT73720A Datasheet
74Kb / 8P
   16-BIT TRI-PORT BUS EXCHANGER
IDT73720 IDT-IDT73720 Datasheet
74Kb / 8P
   16-BIT TRI-PORT BUS EXCHANGER
logo
National Semiconductor ...
SCAN16512 NSC-SCAN16512 Datasheet
160Kb / 10P
   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
logo
Texas Instruments
SCAN16512A TI1-SCAN16512A Datasheet
292Kb / 14P
[Old version datasheet]   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com