Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5Z15A Arkusz danych(PDF) 4 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Numer części SM5Z15A
Szczegółowy opis  Surface Mount Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Strona internetowa  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SM5Z15A Arkusz danych(HTML) 4 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SM5Z15A Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SM5Z15A Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SM5Z15A Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SM5Z15A Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Surface Mount Transient Voltage Suppressors
SM5Z Series 14 To 36 V 3600W
SURFACE MOUNT TAPE AND REEL PACKAGING
Recommended Soldering Parameters
B
D
C
ZONE 1
ZONE1
A
N
G
T
B MIN.
C
1.5 (0.059)
13.0 ± 0.20
(0.51 ±
0.0008)
24 mm (0.945)
330 ± 2.0 (13.0 ±
0.079)
178 ± 2.0 (7.0 ±
0.079)
20.2
(0.795)
50 (1.97)
26.4 (1.039) 30.4
(1.197)
DIMENSIONS in millimeters (inches)
TAPE SIZE
A MAX.
D MIN.
N MIN.
G MAX. T MAX.
150
200
60-180
sec
<3
/sec
>220
255-260
sec
60-150
sec
<3
/sec
10-30
sec
<5
/sec
<6
280
Time within actual peak temp.
Ramp down Rate
Time(25 to Peak temp.)
Do not exceed
Ramp up rate (150-200 )
Reflow
Liquidus Temp.
Peak Temp.
Time(Liq. to Peak)
Ramp up rate (220-200 )
IR-Reflow Condition
Pre Heat
Temp. min
Temp. max
Time(min to max)
tp
ts
Perheat
T
s(min)
T
s(max)
TL
tL
TP
Ramp-up
Time(t)
Temp from 25 °C to Peak
www.yfwdiode.com


Podobny numer części - SM5Z15A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Luguang Electr...
SM5Z15A LUGUANG-SM5Z15A Datasheet
4Mb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
logo
Anova Technologies CO.,...
SM5Z15A ANOVA-SM5Z15A Datasheet
614Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SM5Z15A LUGUANG-SM5Z15A Datasheet
4Mb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SM5Z15A UNSEMI-SM5Z15A Datasheet
2Mb / 5P
   Surface Mount Transient Voltage Suppressors 14 To36 V 3600W
Revision March 1,2022
More results

Podobny opis - SM5Z15A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com