Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM211QDREP Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części LM211QDREP
Szczegółowy opis  DIFFERENTIAL COMPARATOR WITH STROBES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM211QDREP Arkusz danych(HTML) 4 Page - Texas Instruments

  LM211QDREP Datasheet HTML 1Page - Texas Instruments LM211QDREP Datasheet HTML 2Page - Texas Instruments LM211QDREP Datasheet HTML 3Page - Texas Instruments LM211QDREP Datasheet HTML 4Page - Texas Instruments LM211QDREP Datasheet HTML 5Page - Texas Instruments LM211QDREP Datasheet HTML 6Page - Texas Instruments LM211QDREP Datasheet HTML 7Page - Texas Instruments LM211QDREP Datasheet HTML 8Page - Texas Instruments LM211QDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
LM211-EP
DIFFERENTIAL COMPARATOR WITH STROBES
SLCS140A – DECEMBER 2002 – REVISED MAY 2006
at specified free-air temperatures of Q and M temp ranges, V
CC+ = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA(1)
MIN
TYP(2) MAX
UNIT
25
°C
0.7
3
VIO
Input offset voltage(3)
mV
Full range
4
25
°C
4
10
IIO
Input offset current(3)
nA
Full range
20
25
°C
75
100
IIB
Input bias current
VO = 1 V to 14 V
nA
Full range
150
IIL(S)
Low-level strobe current(4)
V(strobe) = 0.3 V,
VID ≤ – 10 mV
25
°C
–3
mA
Common-mode input
13 to
13.8 to
VICR
Full range
V
voltage range
–14.5
–14.7
Large-signal differential
AVD
VO = 5 V to 35 V,
RL = 1 kΩ
25
°C
40
200
V/mV
voltage amplification
I(strobe) = –3 mA,
VOH = 35 V,
25
°C
0.2
10
nA
High-level (collector)
IOH
VID = 5 mV
output leakage current
Full range
0.5
µA
IOL = 50 mA,
VID = –5 mV
25
°C
0.75
1.5
Low-level (collector-to-emitter)
VOL
V
VCC+ = 4.5 V,
VCC– = 0,
output voltage
Full range
0.23
0.4
IOL = 8 mA,
VID = –6 mV
ICC+
Supply current from VCC+, output low
VID = –10 mV,
No load
25
°C
5.1
6
mA
ICC–
Supply current from VCC–, output high
VID = 10 mV,
No load
25
°C
–4.1
–5
mA
(1)
Unless otherwise noted, all characteristics are measured with BALANCE and BAL/STRB open and EMIT OUT grounded.
Full range is –40
°C to 125°C for Q temp and -55°C to 125°C for M temp.
(2)
All typical values are at TA = 25°C.
(3)
The offset voltages and offset currents given are the maximum values required to drive the collector output up to 14 V or down to 1 V
with a pullup resistor of 7.5 k
Ω to V
CC+. These parameters actually define an error band and take into account the worst-case effects of
voltage gain and input impedance.
(4)
The strobe should not be shorted to ground; it should be current driven at –3 mA to –5 mA (see Figure 13 and Figure 27).
V
CC+ = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Response time, low-to-high-level output
RC = 500 Ω to 5 V,
CL = 5 pF(1)
115
ns
Response time, high-to-low-level output
RC = 500 Ω to 5 V,
CL = 5 pF(1)
165
ns
(1)
The response time specified is for a 100-mV input step with 5-mV overdrive and is the interval between the input step function and the
instant when the output crosses 1.4 V.
4
Submit Documentation Feedback


Podobny numer części - LM211QDREP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM211QDREP TI1-LM211QDREP Datasheet
597Kb / 22P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211QDREP TI1-LM211QDREP Datasheet
820Kb / 24P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
More results

Podobny opis - LM211QDREP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM211-EP TI1-LM211-EP Datasheet
597Kb / 22P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-Q1 TI-LM211-Q1 Datasheet
339Kb / 18P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-Q1 TI1-LM211-Q1_14 Datasheet
354Kb / 21P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_14 Datasheet
820Kb / 24P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211P TI1-LM211P Datasheet
1Mb / 31P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111 TI1-LM111_14 Datasheet
1Mb / 32P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111 TI-LM111 Datasheet
506Kb / 25P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111_1003 TI-LM111_1003 Datasheet
653Kb / 28P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI-LP211_06 Datasheet
240Kb / 11P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI1-LP211_14 Datasheet
829Kb / 14P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com