Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1574A Arkusz danych(PDF) 2 Page - Semtech Corporation

Numer części GS1574A
Szczegółowy opis  HD-LINX짰 II Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1574A Arkusz danych(HTML) 2 Page - Semtech Corporation

  GS1574A Datasheet HTML 1Page - Semtech Corporation GS1574A Datasheet HTML 2Page - Semtech Corporation GS1574A Datasheet HTML 3Page - Semtech Corporation GS1574A Datasheet HTML 4Page - Semtech Corporation GS1574A Datasheet HTML 5Page - Semtech Corporation GS1574A Datasheet HTML 6Page - Semtech Corporation GS1574A Datasheet HTML 7Page - Semtech Corporation GS1574A Datasheet HTML 8Page - Semtech Corporation GS1574A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
GS1574A HD-LINX® II Adaptive Cable Equalizer
Data Sheet
33416 - 10
August 2011
2 of 16
Revision History
Version
ECR
PCN
Date
Changes and/or Modifications
10
156775
August 2011
Added the tape and reel part number to Table 9-1: GS1574A Ordering
Information
9
153754
September 2009
Updated to latest Gennum template.
8
144435
March 2007
Added maximum power consumption to DC Electrical Characteristics.
7
141758
40438
August 2006
Modified 200m cable length in front page Features section and Detailed
Description.
6
141576
40438
August 2006
Added 200m output cable length jitter data at 1.485Gb/s in AC Electrical
Characteristics.
5
139634
38695
March 2006
Corrected pad standoff height and tolerances for pad width & package
dimension. Corrected pad shape.
4
137744
September 2005
Convert to Data Sheet. Corrected typing errors. Corrected process to BiCMOS.
3
137321
June 2005
Amended notes on use of MCLADJ above 360 Mb/s.
2
137167
June 2005
Rephrased RoHS compliance statement.
1
136885
May 2005
Corrected description of connection for AGC and AGC pins in the Pin
Description table. Clarified solder reflow profile descriptions. Corrected
minor typing errors.


Podobny numer części - GS1574A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1574ACNE3 GENNUM-GS1574ACNE3 Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS1574ACNE3 GENNUM-GS1574ACNE3 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
More results

Podobny opis - GS1574A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS9064A GENNUM-GS9064A Datasheet
320Kb / 16P
   GS9064A HD-LINX짰 II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS2974A GENNUM-GS2974A Datasheet
618Kb / 16P
   HD-LINX III Adaptive Cable Equalizer
GS2974B GENNUM-GS2974B Datasheet
703Kb / 17P
   HD-LINX III Adaptive Cable Equalizer
logo
Semtech Corporation
GS2974A SEMTECH-GS2974A Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
GS2974B SEMTECH-GS2974B Datasheet
703Kb / 17P
   HD-LINX??III Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com