Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS2960A Arkusz danych(PDF) 6 Page - Semtech Corporation

Numer części GS2960A
Szczegółowy opis  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2960A Arkusz danych(HTML) 6 Page - Semtech Corporation

Back Button GS2960A Datasheet HTML 2Page - Semtech Corporation GS2960A Datasheet HTML 3Page - Semtech Corporation GS2960A Datasheet HTML 4Page - Semtech Corporation GS2960A Datasheet HTML 5Page - Semtech Corporation GS2960A Datasheet HTML 6Page - Semtech Corporation GS2960A Datasheet HTML 7Page - Semtech Corporation GS2960A Datasheet HTML 8Page - Semtech Corporation GS2960A Datasheet HTML 9Page - Semtech Corporation GS2960A Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 99 page
background image
GS2960A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54384 - 2
September 2012
6 of 99
List of Tables
Table 1-1: Pin Descriptions ............................................................................................................................ 7
Table 2-1: Absolute Maximum Ratings................................................................................................... 14
Table 2-2: Recommended Operating Conditions................................................................................ 14
Table 2-3: DC Electrical Characteristics ................................................................................................. 15
Table 2-4: AC Electrical Characteristics ................................................................................................. 17
Table 4-1: Serial Digital Output................................................................................................................. 27
Table 4-2: PLL Loop Bandwidth ................................................................................................................ 27
Table 4-3: Input Clock Requirements...................................................................................................... 29
Table 4-4: Lock Detect Conditions............................................................................................................ 30
Table 4-5: GS2960A Output Video Data Format Selections ............................................................ 34
Table 4-6: GS2960A PCLK Output Rates ................................................................................................ 36
Table 4-7: Switch Line Position for Digital Systems ........................................................................... 42
Table 4-8: Output Signals Available on Programmable Multi-Function Pins............................ 43
Table 4-9: Supported CEA-861 Formats................................................................................................. 46
Table 4-10: Supported Video Standard Codes ..................................................................................... 53
Table 4-11: Data Format Register Codes ................................................................................................ 57
Table 4-12: Error Status Register and Error Mask Register.............................................................. 59
Table 4-13: SMPTE 352M Packet Data .................................................................................................... 65
Table 4-14: IOPROC_DISABLE Register Bits......................................................................................... 67
Table 4-15: GSPI Time Delay...................................................................................................................... 76
Table 4-16: GSPI Timing Parameters (50% levels; 3.3V or 1.8V operation) ................................ 77
Table 4-17: Configuration and Status Registers................................................................................... 78
Table 4-18: ANC Extraction FIFO Access Registers............................................................................ 91
Table 7-1: Packaging Data........................................................................................................................... 97


Podobny numer części - GS2960A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS2960A GENNUM-GS2960A Datasheet
7Mb / 99P
   Ancillary data extraction
More results

Podobny opis - GS2960A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2970A SEMTECH-GS2970A Datasheet
4Mb / 150P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com