Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS2975A Arkusz danych(PDF) 2 Page - Semtech Corporation

Numer części GS2975A
Szczegółowy opis  HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2975A Arkusz danych(HTML) 2 Page - Semtech Corporation

  GS2975A Datasheet HTML 1Page - Semtech Corporation GS2975A Datasheet HTML 2Page - Semtech Corporation GS2975A Datasheet HTML 3Page - Semtech Corporation GS2975A Datasheet HTML 4Page - Semtech Corporation GS2975A Datasheet HTML 5Page - Semtech Corporation GS2975A Datasheet HTML 6Page - Semtech Corporation GS2975A Datasheet HTML 7Page - Semtech Corporation GS2975A Datasheet HTML 8Page - Semtech Corporation GS2975A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
GS2975A HD-LINX® III Multi-Rate SDI Automatic
Reclocker with Dual Differential Outputs
Data Sheet
41487 - 4
April 2009
2 of 27
Functional Block Diagram
GS2975A Functional Block Diagram
Revision History
XTAL+ XTAL-
XTAL
OUT-
XTAL
OUT+
DDI_SEL[1:0]
DDI 1
DDI 2
DDI 3
DDI 0
LF+ LF-
KBB
DDO_MUTE
DDO 0
AUTOBYPASS
BYPASS
LOCKED
AUTO/MAN
SS[2:0]
XTAL
OSC
BUFFER
DATA BUFFER
VCO
BYPASS
LOGIC
DIVIDER
PHASE
FREQUENCY
DETECTOR
DIVIDER
CONTROL LOGIC
CHARGE
PUMP
M
U
X
D
A
T
A
M
U
X
M
U
X
RE-TIMER
PHASE
DETECTOR
SD/HD
RCO_MUTE
RCO/DDO1
CLOCK BUFFER
LOS
M
U
X
DATA/CLOCK
Version
ECR
PCN
Date
Changes and/or Modifications
4
151358
April 2009
Added 2.5k reel option to section 6.6
Ordering Information. Changed the
maximum input swing value from 800mV
to 1100mV in Table 2-2: AC Electrical
Characteristics.
3
150068
June 2008
Removed references to GND_DRV in
Section 1.1 GS2975A Pin Assignment and
Table 1-1: Pin Descriptions.
2
147068
August 2007
Typo: Functional Block Diagram on
page 2.
1
146316
July 2007
Typo: Pin 64 in Table 1-1& TAC Figure 5-1
on page 22, Pins 38/40 & 44/46 in
Table 1-1.
0
143947
43428
February 2007
Converting to Data Sheet. Removed
‘Proprietary and Confidential’ footer.
Updated AC Electrical Characteristics
table. Added junction - board thermal
resistance parameter to 6.3 Packaging
Data. Added section 6.4 Marking
Diagram.


Podobny numer części - GS2975A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS2975A GENNUM-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker with Dual Differential Outputs
GS2975ACNE3 GENNUM-GS2975ACNE3 Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker with Dual Differential Outputs
GS2975ACNTE3Z GENNUM-GS2975ACNTE3Z Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker with Dual Differential Outputs
More results

Podobny opis - GS2975A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS2975A GENNUM-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker with Dual Differential Outputs
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
logo
M/A-COM Technology Solu...
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
logo
Gennum Corporation
GS1575A GENNUM-GS1575A Datasheet
498Kb / 29P
   GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com