Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS4915 Arkusz danych(PDF) 7 Page - Semtech Corporation

Numer części GS4915
Szczegółowy opis  ClockCleaner?
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS4915 Arkusz danych(HTML) 7 Page - Semtech Corporation

Back Button GS4915 Datasheet HTML 3Page - Semtech Corporation GS4915 Datasheet HTML 4Page - Semtech Corporation GS4915 Datasheet HTML 5Page - Semtech Corporation GS4915 Datasheet HTML 6Page - Semtech Corporation GS4915 Datasheet HTML 7Page - Semtech Corporation GS4915 Datasheet HTML 8Page - Semtech Corporation GS4915 Datasheet HTML 9Page - Semtech Corporation GS4915 Datasheet HTML 10Page - Semtech Corporation GS4915 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
GS4915 ClockCleaner™
Data Sheet
39145 - 5
June 2009
7 of 27
18
DOUBLE
Non
synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS compatible.
Controls the output frequency of the cleaned clock, for HD input
clocks.
See Section 3.5 for operation.
19
SKEW_EN
Non
synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS compatible.
Selects the phase of the output clock with respect to the selected input
clock.
See Section 3.6 for operation.
21
LOCK
Non
synchronous
Outpu
t
STATUS SIGNAL OUTPUT
Signal levels are LVCMOS compatible.
This pin will be HIGH when the output clock is locked to the selected
input clock.
It will be LOW otherwise.
23
SE_VDD
Power
Positive power supply connection for the single-ended clock driver.
Determines the output level of CLKOUT_SE. Connect to filtered +1.8V
DC or +3.3V DC.
NOTE: If the single-ended clock output is not used, this pin should be
tied to ground.
24
CLKOUT_SE
Outpu
t
CLOCK SIGNAL OUTPUT
Signal levels are LVCMOS compatible.
Single-ended video clock output signal.
See Section 3.7.2 for operation.
25
D_VDD
Power
Positive power supply connection for the single-ended output clock
buffer. Connect to filtered +1.8V DC.
NOTE: If the single-ended clock output is not used, this pin should be
tied to ground.
27
DIFF_OUT_VDD
Power
Positive power supply connection for the LVDS clock outputs. Connect
to filtered +1.8V DC.
NOTE: If the LVDS clock outputs are not used, this pin should be tied to
ground.
29, 28
CLKOUT, CLKOUT
Outpu
t
CLOCK SIGNAL OUTPUT
Differential video clock output signal.
This is the lowest jitter output of the device.
See Section 3.7.1 for operation.
32
DIV_VDD
Power
Positive power supply connection for the divider block. Connect to
filtered +1.8V DC.
33,34
VCO, VCO
Analog
Input
Differential input for the external VCO reference signal. When using
the recommended VCO, leave VCO unconnected.
See Section 3.3.4 for operation.
35
VCO_GND
Power
Ground reference for the external voltage controlled oscillator.
Connect to pins 2, 4, 6, and 8 of the GO1555.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Podobny numer części - GS4915

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS4915 GENNUM-GS4915 Datasheet
648Kb / 26P
   ClockCleaner?
GS4915 GENNUM-GS4915 Datasheet
741Kb / 27P
   ClockCleaner
GS4915 GENNUM-GS4915 Datasheet
741Kb / 27P
   ClockCleaner
GS4915-INE3 GENNUM-GS4915-INE3 Datasheet
648Kb / 26P
   ClockCleaner?
GS4915-INE3 GENNUM-GS4915-INE3 Datasheet
741Kb / 27P
   ClockCleaner
More results

Podobny opis - GS4915

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS4915 GENNUM-GS4915_09 Datasheet
741Kb / 27P
   ClockCleaner
GS4915 GENNUM-GS4915 Datasheet
648Kb / 26P
   ClockCleaner?
GS1532 GENNUM-GS1532_07 Datasheet
827Kb / 51P
   Multi-Rate Serializer with ClockCleaner
GS1531 GENNUM-GS1531_08 Datasheet
817Kb / 50P
   Multi-Rate Serializer with ClockCleaner
GS1582 GENNUM-GS1582_09 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Semtech Corporation
GS1582 SEMTECH-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Gennum Corporation
GS1582 GENNUM-GS1582 Datasheet
1Mb / 114P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
GS9062 GENNUM-GS9062_07 Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com