Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10H180L Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC10H180L
Szczegółowy opis  Dual 2 Bit Adder/Subtractor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H180L Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC10H180L Datasheet HTML 1Page - ON Semiconductor MC10H180L Datasheet HTML 2Page - ON Semiconductor MC10H180L Datasheet HTML 3Page - ON Semiconductor MC10H180L Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 6
1
Publication Order Number:
MC10H180/D
MC10H180
Dual 2-Bit Adder/Subtractor
The MC10H180 is a high–speed, low–power, general–purpose
adder/ subtractor. It is designed to be used in special purpose
adders/subtractors or in high–speed multiplier arrays.
Inputs for each adder are Carry–in, Operand A, and Operand B;
outputs are Sum, Sum and Carry–out. The common select inputs serve
as a control line to Invert A for subtract, and a control line to Invert B.
Propagation Delay, 1.8 ns Typical, Operand and Select to Output
Power Dissipation, 360 mW Typicalh180
Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
Voltage Compensated
MECL 10K–Compatible
LOGIC DIAGRAM
DIP PIN ASSIGNMENT
S1
S0
COUT
CIN
A0
B0
SELA
VEE
VCC
S0
S1
COUT
CIN
A1
B1
SELB
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
10
S1
S0
CIN
BO
AO
SELB
SELA
VCC = PIN 16
VEE = PIN 8
7
9
5
4
6
15
2
11
12
3
14
1
13
SELA
SELB
A1
B1
CIN
S0
COUT
S1
COUT
POSITIVE LOGIC ONLY
A’ = A
 SELA = A SELA
B’ = B
 SELB = B SELB
S= CIN (A’ B’ + A’ B’) +
CIN(A’ B’ + A’ B’)
COUT = CINA’ + CINB’ + A’ B’
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion Tables on page 18
of the ON Semiconductor MECL Data Book (DL122/D).
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC10H180L
CDIP–16
25 Units/Rail
MC10H180P
PDIP–16
25 Units/Rail
MC10H180FN
PLCC–20
46 Units/Rail
MARKING
DIAGRAMS
1
16
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
CDIP–16
L SUFFIX
CASE 620
MC10H180L
AWLYYWW
PDIP–16
P SUFFIX
CASE 648
PLCC–20
FN SUFFIX
CASE 775
10H180
AWLYYWW
1
1
16
MC10H180P
AWLYYWW


Podobny numer części - MC10H180L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H180L ONSEMI-MC10H180L Datasheet
142Kb / 5P
   Dual 2?묪it Adder/Subtractor
February, 2006 ??Rev. 7
More results

Podobny opis - MC10H180L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
10180 PHILIPS-10180 Datasheet
225Kb / 5P
   Dual 2-Bit Adder/Subtractor
June 14 1990
logo
ON Semiconductor
MC10H180 ONSEMI-MC10H180_06 Datasheet
142Kb / 5P
   Dual 2?묪it Adder/Subtractor
February, 2006 ??Rev. 7
logo
NXP Semiconductors
74F385 PHILIPS-74F385 Datasheet
64Kb / 6P
   Quad serial adder/subtractor
1989 Sep 20
logo
G.M. International
D1072 GMI-D1072 Datasheet
642Kb / 6P
   SIL 2 Temperature Signal Converter, Duplicator, Adder/Subtractor DIN-Rail Models D1072S, D1072D
D1052 GMI-D1052 Datasheet
446Kb / 4P
   Analog Signal Converter, Duplicator, Adder/Subtractor DIN-Rail D1052S, D1052D, D1052X, D1052Y
logo
Fairchild Semiconductor
74F583 FAIRCHILD-74F583 Datasheet
52Kb / 5P
   4-Bit BCD Adder
logo
NXP Semiconductors
74F583 PHILIPS-74F583 Datasheet
120Kb / 8P
   4-bit BCD adder
1989 Apr 06
logo
ON Semiconductor
MC14008BCPG ONSEMI-MC14008BCPG Datasheet
135Kb / 8P
   4-Bit Full Adder
April, 2013 ??Rev. 7
logo
National Semiconductor ...
CD4008BM NSC-CD4008BM Datasheet
124Kb / 6P
   4-Bit Full Adder
logo
Motorola, Inc
MC14008B MOTOROLA-MC14008B Datasheet
255Kb / 8P
   4-Bit Full Adder
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com