Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33997 Arkusz danych(PDF) 7 Page - Motorola, Inc

Numer części MC33997
Szczegółowy opis  Switching Power Supply with Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33997 Arkusz danych(HTML) 7 Page - Motorola, Inc

Back Button MC33997 Datasheet HTML 3Page - Motorola, Inc MC33997 Datasheet HTML 4Page - Motorola, Inc MC33997 Datasheet HTML 5Page - Motorola, Inc MC33997 Datasheet HTML 6Page - Motorola, Inc MC33997 Datasheet HTML 7Page - Motorola, Inc MC33997 Datasheet HTML 8Page - Motorola, Inc MC33997 Datasheet HTML 9Page - Motorola, Inc MC33997 Datasheet HTML 10Page - Motorola, Inc MC33997 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33997
7
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions 9.0 V VPWR 16 V, -40°C TJ = TA 125°C, using the typical application circuit (see
Figure 8) unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
LINEAR REGULATOR VDDL
VDDL Output Voltage
VPWR = KA_VPWR = 14 V, IVDDL = 200 mA
VDDL
3.15
3.45
V
VDDL Line Regulation
VDDH = 4.8 V to 5.2 V, IVDDL = 400 mA
RegLnVDDL
-70
70
mV
VDDL Load Regulation
VPWR = KA_VPWR = 14 V, IVDDL = 10 mA to 400 mA
RegLdVDDL
-70
70
mV
DRVL Output Current
VPWR = KA_VPWR = 14 V, VDRVL = 1.0 V
IDRVL
5.0
11
25
mA
VDDL Active Discharge Resistance
VPWR = KA_VPWR = 14 V, EN = 0 V, IFBL = 10 mA
RLDisch
1.0
10
VDDH to VDDL Active Clamp Resistance
VPWR = KA_VPWR = 14 V, EN = 0 V, IVDDH = 50 mA, VFBKB = 0 V
RCLAMP
0.6
10
VDDL Output Capacitor Capacitance (Note 12)
CVDDL
68
µF
VDDL Output Capacitor ESR (Note 12)
ESRVDDL
0.125
KEEP-ALIVE (STANDBY) REGULATOR VKAM
VKAM Output Voltage
IVKAM = 5.0 mA, VPWR = KA_VPWR = 18 V, EN = 5.0 V
VKAM
3.0
3.6
V
VKAM Output Voltage, EN = 0 V (Standby Mode)
VPWR = KA_VPWR = 26 V, IVKAM = 0.5 mA
VPWR = KA_VPWR = 18 V, IVKAM = 5.0 mA
VPWR = KA_VPWR = 5.0 V, IVKAM = 10.0 mA
VPWR = 0 V, KA_VPWR = 3.5 V, IVKAM = 5.0 mA
VKAM
3.0
3.0
3.0
2.0
3.6
3.6
3.6
3.5
V
VKAM Line Regulation, EN = 0 V (Standby Mode)
VPWR = KA_VPWR = 5.0 V to 18 V, IVKAM = 2.0 mA
RegLnVKAM
-20
20
mV
VKAM Load Regulation, EN = 0 V (Standby Mode)
VPWR = KA_VPWR = 14 V, IVKAM = 1.0 mA to 10 mA
RegLdVKAM
0
100
mV
Differential Voltage VKAM - VDDL
EN = 5.0 V, IVKAM = 5.0 mA, VPWR = KA_VPWR = 14 V, IVDDL = 200 mA
RegVKAM
-20
20
mV
VKAM Output Capacitor Capacitance (Note 12)
CVKAM
4.7
µF
VKAM Output Capacitor ESR (Note 12)
ESRVKAM
1.4
Notes
12.
Recommended value.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Podobny numer części - MC33997

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC33997DW FREESCALE-MC33997DW Datasheet
455Kb / 20P
   Switching Power Supply with Linear Regulators
MC33997DWR2 FREESCALE-MC33997DWR2 Datasheet
455Kb / 20P
   Switching Power Supply with Linear Regulators
More results

Podobny opis - MC33997

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
33997 FREESCALE-33997 Datasheet
455Kb / 20P
   Switching Power Supply with Linear Regulators
MC33998 FREESCALE-MC33998 Datasheet
442Kb / 20P
   Switching Power Supply with Linear Regulators
MC33998 FREESCALE-MC33998_06 Datasheet
623Kb / 20P
   Switching Power Supply with Linear Regulators
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
logo
Texas Instruments
TPS71501-Q1 TI1-TPS71501-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Supply Current Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX1982 MAXIM-MAX1982_08 Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1982 MAXIM-MAX1982 Datasheet
383Kb / 12P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
19-2560; Rev 0; 7/02
MAX1983EUT MAXIM-MAX1983EUT Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com