Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33997 Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części MC33997
Szczegółowy opis  Switching Power Supply with Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33997 Arkusz danych(HTML) 1 Page - Motorola, Inc

  MC33997 Datasheet HTML 1Page - Motorola, Inc MC33997 Datasheet HTML 2Page - Motorola, Inc MC33997 Datasheet HTML 3Page - Motorola, Inc MC33997 Datasheet HTML 4Page - Motorola, Inc MC33997 Datasheet HTML 5Page - Motorola, Inc MC33997 Datasheet HTML 6Page - Motorola, Inc MC33997 Datasheet HTML 7Page - Motorola, Inc MC33997 Datasheet HTML 8Page - Motorola, Inc MC33997 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Motorola, Inc. 2003
33997 Simplified Application Diagram
Document order number: MC33997/D
Rev 3.0, 03/2003
33997
Advance Information
Switching Power Supply with Linear
Regulators
The 33997 is a medium-power, multi-output power supply integrated circuit
that is capable of operating over a wide input voltage range, from 6.0 V up to
26.5 V with 40 V transient capability. It incorporates a sensorless current
mode control step-down switching controller regulating directly to 5.0 V. The
3.3 V linear regulator uses an external pass transistor to reduce the 33997
power dissipation. The 33997 also provides a 3.3 V linear standby regulator
and two 5.0 V sensor supply outputs protected by internal low-resistance
LDMOS transistors.
There are two separate enable pins for the main and sensor supply outputs
and standard supervisory functions such as resets with power-up reset delay.
The 33997 provides proper power supply sequencing for advanced
microprocessor architectures such as the Motorola MPC5xx and 683xx
microprocessor families.
Features
• Operating Voltage Range 6.0 V up to 26.5 V (40 V transient)
• Step-Down Switching Regulator Output VDDH = 5.0 V @ 1400 mA (total)
• Linear Regulator with External Pass Transistor VDDL = 3.3 V @ 400 mA
• Low-Power Standby Linear Regulator VKAM = 3.3 V @ 10 mA
• Two 5.0 V @ 200 mA (typical) Sensor Supplies VREF Protected Against
Short-to-Battery and Short-to-Ground with Retry Capability
• Undervoltage Shutdown on the VDDL, VDDH Outputs with Retry Capability
• Reset Signals
• Power-Up Delay
• Enable Pins for Main Supplies (EN) and Sensor Supplies (SNSEN)
• Power Sequencing for Advanced Microprocessor Architectures
• SOIC-24WB Package
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33997DW/R2
-40°C to 125°C
24 SOICW
DW SUFFIX
24-LEAD SOICW
CASE 751E
POWER SUPPLY
INTEGRATED CIRCUIT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Podobny numer części - MC33997

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC33997DW FREESCALE-MC33997DW Datasheet
455Kb / 20P
   Switching Power Supply with Linear Regulators
MC33997DWR2 FREESCALE-MC33997DWR2 Datasheet
455Kb / 20P
   Switching Power Supply with Linear Regulators
More results

Podobny opis - MC33997

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
33997 FREESCALE-33997 Datasheet
455Kb / 20P
   Switching Power Supply with Linear Regulators
MC33998 FREESCALE-MC33998 Datasheet
442Kb / 20P
   Switching Power Supply with Linear Regulators
MC33998 FREESCALE-MC33998_06 Datasheet
623Kb / 20P
   Switching Power Supply with Linear Regulators
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
logo
Texas Instruments
TPS71501-Q1 TI1-TPS71501-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Supply Current Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX1982 MAXIM-MAX1982_08 Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1982 MAXIM-MAX1982 Datasheet
383Kb / 12P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
19-2560; Rev 0; 7/02
MAX1983EUT MAXIM-MAX1983EUT Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com