Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MV1820F Arkusz danych(PDF) 4 Page - Mitel Networks Corporation

Numer części MV1820F
Szczegółowy opis  Video Programme Delivery Control Interface Circuit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MITEL [Mitel Networks Corporation]
Strona internetowa  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MV1820F Arkusz danych(HTML) 4 Page - Mitel Networks Corporation

  MV1820F Datasheet HTML 1Page - Mitel Networks Corporation MV1820F Datasheet HTML 2Page - Mitel Networks Corporation MV1820F Datasheet HTML 3Page - Mitel Networks Corporation MV1820F Datasheet HTML 4Page - Mitel Networks Corporation MV1820F Datasheet HTML 5Page - Mitel Networks Corporation MV1820F Datasheet HTML 6Page - Mitel Networks Corporation MV1820F Datasheet HTML 7Page - Mitel Networks Corporation MV1820F Datasheet HTML 8Page - Mitel Networks Corporation MV1820F Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MV1820
3
ELECTRICAL CHARACTERISTICS (continued)
These characteristics are guaranteed over the following conditions (unless otherwise stated)
Tamb = 0 to 70˚C, VDD = 5V
± 10%
I2C bus
SCL, SDA Schmitt inputs
Input voltage Low
Input voltage High
Output voltage Low
SCL clock frequency
DAV data available
Output voltage low
RESET Schmitt input
Input voltage Low
Input voltage High
Input current Low
Input current High
11, 13
11
1
0
3.5
0
VDD-1.0
-22
-10
0.1
100
0.2
-50
1.5
VDD
0.4
1000
0.4
0.8
VDD
-220
+10
V
V
V
kHz
V
V
V
µA
µA
Not clamped when VDD = 0V
IOL = 3.0mA
100k (nom) pull-up resistor
IOH = 2.4mA
100k (nom) pull-up resistor
VIN = VSS
VIN = VDD
Characteristic
Pin
Min
Typ
Max
Value
Units
Conditions
NOTE
Input voltage low and input voltage high for EXT/INT, AS and XTI are as specified for DATA I/O.
AS
XTO
XTI
Pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Pin Name and Description
Active Low Reset. Includes a 100k
Ω pull - up resistor
Control Pin for SYNC I/O and DATA I/O. Includes a 100k
Ω pull - down resistor.
When low or not connected, internal SYNC and DATA are used, pins 9 and 10 are
outputs. When high, supply SYNC and DATA from an external source, pins 9 and
10 are inputs.
Black level capacitor.
White level capacitor.
Input for composite video signal with negative going syncs
Ground 0 volts.
Time constant resistor.
Controlling discharge rate of black and white level
capacitor voltages.
Address select for I2C bus. [0010 0001] with AS set high, or [0010 0011] with AS
set low. Includes 100k
Ω pull - down resistor.
Data input/output.
Sync input/output.
I2C bus serial clock.
Positive supply voltage +5V
± 10%
I2C bus bi-directional data port.
Active low open drain output data available signal to microprocessor.
Includes 100k
Ω pull - up resistor
Crystal out, 27.75MHz fundamental crystal with on-chip 1M
Ω resistor to XTI.
Crystal input.
DATA I/O
SYNC I/O
SCL
VDD
SDA
DAV
PIN DESCRIPTION
Symbol
RESET
EXT/INT
BLC
WLC
VIDEO
GND
TCR


Podobny numer części - MV1820F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zarlink Semiconductor I...
MV1820FCG ZARLINK-MV1820FCG Datasheet
307Kb / 9P
   Video Programme Delivery Control Interface Circuit
MV1820FDPAS ZARLINK-MV1820FDPAS Datasheet
307Kb / 9P
   Video Programme Delivery Control Interface Circuit
MV1820FMPES ZARLINK-MV1820FMPES Datasheet
307Kb / 9P
   Video Programme Delivery Control Interface Circuit
More results

Podobny opis - MV1820F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zarlink Semiconductor I...
MV1820 ZARLINK-MV1820 Datasheet
307Kb / 9P
   Video Programme Delivery Control Interface Circuit
logo
NXP Semiconductors
TDA3504 PHILIPS-TDA3504 Datasheet
108Kb / 12P
   Video control combination circuit
1996 Jan 09
SAA1310 PHILIPS-SAA1310 Datasheet
106Kb / 15P
   Control interface for VHS video recorders
April 1995
logo
Siemens Semiconductor G...
SDA5648 SIEMENS-SDA5648 Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
logo
NXP Semiconductors
TDA3506 PHILIPS-TDA3506 Datasheet
136Kb / 15P
   Video control combination circuit with automatic cut-off control
November 1987
TDA3507 PHILIPS-TDA3507 Datasheet
144Kb / 14P
   Video control combination circuit with automatic cut-off control
November 1987
TDA3505 PHILIPS-TDA3505 Datasheet
143Kb / 15P
   Video control combination circuit with automatic cut-off control
November 1987
TDA4580 PHILIPS-TDA4580 Datasheet
998Kb / 16P
   Video control combination circuit with automatic cut-off control
March 1991
TDA3508 PHILIPS-TDA3508 Datasheet
107Kb / 16P
   Video control combination circuit with automatic cut-off control
1996 Oct 25
logo
Siemens Semiconductor G...
SDA5649 SIEMENS-SDA5649 Datasheet
479Kb / 26P
   Expanded Decoder for Program Delivery Control and Video Program System EPDC / VPS Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com