Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF3 Arkusz danych(PDF) 1 Page - GOOD-ARK Electronics

Numer części LF3
Szczegółowy opis  Surface Mount Glass Passivated Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GOOD-ARK [GOOD-ARK Electronics]
Strona internetowa  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LF3 Arkusz danych(HTML) 1 Page - GOOD-ARK Electronics

  LF3 Datasheet HTML 1Page - GOOD-ARK Electronics LF3 Datasheet HTML 2Page - GOOD-ARK Electronics LF3 Datasheet HTML 3Page - GOOD-ARK Electronics LF3 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LF1 thru LF7
Surface Mount Glass Passivated Fast Recovery Rectifier
Reverse Voltage 50~1000V Forward Current 1A
www.goodark.com
1/4
2014.08-Rev.B
Features
• Glass passivated fast recovery rectifiers
• Ideal for automated placement
Lf
d
lt
d
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.0mm
• AEC-Q101 qualified
eSGB (SMAF)
Typical Applications
For use of general purpose rectification in lighting, cellular phone, portable device,
power supplies, and other consumer applications.
Maximum Ratings (T
25 °C
l
th
i
t d)
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
LF1
LF2
LF3
LF4
LF5
LF6
LF7
Unit
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
1.0
Pk f
d
t 8 3
il h lf
IFSM
A
I
2t
A
2sec
TJ,
TSTG
°C
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
30
Rating for fusing(t<8.3ms)
3.7
Operating junction and storage temperature
range
- 55 to + 150
Electrical Characteristics
Maximum instantaneous
forward voltage
IF=1 A,TA=25℃
VF
V
TA=25
TA=125
Electrical Characteristics (T
A
= 25 °C unless otherwise noted)
Parameter
Test Conditions Symbol
LF1
LF2
LF3
LF4
LF5
LF6
Maximum DC reverse current
at rated DC blocking voltage
IR
5
µA
50
LF7
Unit
1.3
IF=0.5A,IR=1.0A,
Irr=0.25A
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
juntion to case
RθJC
juntion to mount
RθJM
Note:1),The thermal resistance from junction to case and mount,mounted on P.C.B with 8×8mm copper pads,2 OZ,FR4 PCB
500
nS
Maximum reverse recovery
time
trr
150
250
11
Typical thermal resistance
1)
45
℃/W
12
www.goodark.com
1/4
2014.08-Rev.B


Podobny numer części - LF3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
LF300 MACOM-LF300 Datasheet
102Kb / 2P
   NEMA Cabinet Legs
logo
MicroPower Direct, LLC
LF300RU MPD-LF300RU Datasheet
239Kb / 2P
   Very Wide Input, 3W SMT Single & Dual Output DC/DC Converters
LF300RW MPD-LF300RW Datasheet
221Kb / 2P
   Wide Input, 3W SMT Single & Dual Output DC/DC Converters
LF301RU MPD-LF301RU Datasheet
239Kb / 2P
   Very Wide Input, 3W SMT Single & Dual Output DC/DC Converters
LF301RW MPD-LF301RW Datasheet
221Kb / 2P
   Wide Input, 3W SMT Single & Dual Output DC/DC Converters
More results

Podobny opis - LF3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GOOD-ARK Electronics
RS1510FL GOOD-ARK-RS1510FL Datasheet
378Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
R12A GOOD-ARK-R12A Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1S GOOD-ARK-FF1S_15 Datasheet
228Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF27 GOOD-ARK-PF27 Datasheet
383Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1 GOOD-ARK-FF1 Datasheet
192Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1S GOOD-ARK-FF1S Datasheet
373Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
L3F1-SL GOOD-ARK-L3F1-SL Datasheet
192Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF151 GOOD-ARK-PF151 Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF1 GOOD-ARK-PF1 Datasheet
379Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
L2F1-SL GOOD-ARK-L2F1-SL Datasheet
199Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com