Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST202CN Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części ST202CN
Szczegółowy opis  5V Powered multi-channel RS-232 drivers and receivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST202CN Arkusz danych(HTML) 1 Page - STMicroelectronics

  ST202CN Datasheet HTML 1Page - STMicroelectronics ST202CN Datasheet HTML 2Page - STMicroelectronics ST202CN Datasheet HTML 3Page - STMicroelectronics ST202CN Datasheet HTML 4Page - STMicroelectronics ST202CN Datasheet HTML 5Page - STMicroelectronics ST202CN Datasheet HTML 6Page - STMicroelectronics ST202CN Datasheet HTML 7Page - STMicroelectronics ST202CN Datasheet HTML 8Page - STMicroelectronics ST202CN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
March 2006
Rev. 5
1/18
18
ST202
5V Powered multi-channel RS-232 drivers and receivers
Feature summary
I Supply voltage range: 4.5 to 5.5V
I Supply current no load (Typ): 1.5mA
I Transmitter output voltage swing (Typ): ± 9V
I Transition slew rate (Typ.): 12V/ms
I Receiver propagation delay (Typ.): 0.1ms
I Compatible with MAX202
I Receiver input voltage range: ± 30V
I Data rate (Typ.): 400kbp/s
I Operating temperature range: -40 To 85 °C,
0 to 70°C
Description
The ST202 is a 2 driver, 2 receiver device
following EIA/TIA-232 and V.28 communication
standard. It is particularly suitable for applications
where ± 12V is not available. The ST202 uses a
single 5V power supply and only four external
capacitors (0.1µF). Typical application are in:
Portable Computers, Low Power Modems,
Interfaces Translation, Battery Powered RS-232
Networks.
.
SOP Large
DIP
TSSOP
SOP
www.st.com
Order codes
Type
Temperature
Range
Package
Comments
ST202CN
0 to 70 °C
DIP-16
25parts per tube / 40tube per box
ST202BN
-40 to 85 °C
DIP-16
25parts per tube / 40tube per box
ST202CD
0 to 70 °C
SO-16 (Tube)
50parts per tube / 20tube per box
ST202BD
-40 to 85 °C
SO-16 (Tube)
50parts per tube / 20tube per box
ST202CDR
0 to 70 °C
SO-16 (Tape & Reel)
2500 parts per reel
ST202BDR
-40 to 85 °C
SO-16 (Tape & Reel)
2500 parts per reel
ST202CW
0 to 70 °C
SO-16 Large (Tube)
49parts per tube / 25tube per box
ST202BW
-40 to 85 °C
SO-16 Large (Tube)
49parts per tube / 25tube per box
ST202CWR
0 to 70 °C
SO-16 Large (Tape & Reel)
1000 parts per reel
ST202CTR
0 to 70 °C
TSSOP16 (Tape & Reel)
2500 parts per reel
ST202BTR
-40 to 85 °C
TSSOP16 (Tape & Reel)
2500 parts per reel


Podobny numer części - ST202CN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST202CN STMICROELECTRONICS-ST202CN Datasheet
303Kb / 18P
   5V Powered multi-channel RS-232 drivers and receivers
More results

Podobny opis - ST202CN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST232 STMICROELECTRONICS-ST232 Datasheet
93Kb / 11P
   5V POWERED MULTI-CHANNEL RS-232 DRIVERS AND RECEIVERS
February 2001
ST232 STMICROELECTRONICS-ST232_06 Datasheet
337Kb / 19P
   5V Powered multi-channel RS-232 drivers and receivers
ST202B STMICROELECTRONICS-ST202B Datasheet
303Kb / 18P
   5V Powered multi-channel RS-232 drivers and receivers
logo
Sipex Corporation
SP230A SIPEX-SP230A Datasheet
661Kb / 17P
   5V Powered Multi-Channel RS-232 Drivers/Receivers
SP230A SIPEX-SP230A Datasheet
399Kb / 17P
   5V Powered Multi-Channel RS-232 Drivers/Receivers
logo
Exar Corporation
SP238A EXAR-SP238A Datasheet
528Kb / 12P
   5V Powered Multi-Channel RS-232 Drivers/Receivers
logo
Maxim Integrated Produc...
MAX220 MAXIM-MAX220_V01 Datasheet
2Mb / 39P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
19-4323; Rev 18; 5/19
MAX220 MAXIM-MAX220_15 Datasheet
408Kb / 39P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 17; 1/15
MAX220 MAXIM-MAX220_10 Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX233AEWP-TG36 MAXIM-MAX233AEWP-TG36 Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com