Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP801A Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części TLP801A
Szczegółowy opis  INFRARED LED PHOTOTRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP801A Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  TLP801A Datasheet HTML 1Page - Toshiba Semiconductor TLP801A Datasheet HTML 2Page - Toshiba Semiconductor TLP801A Datasheet HTML 3Page - Toshiba Semiconductor TLP801A Datasheet HTML 4Page - Toshiba Semiconductor TLP801A Datasheet HTML 5Page - Toshiba Semiconductor TLP801A Datasheet HTML 6Page - Toshiba Semiconductor TLP801A Datasheet HTML 7Page - Toshiba Semiconductor TLP801A Datasheet HTML 8Page - Toshiba Semiconductor TLP801A Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TLP801A(F)
2004-02-12
5
IF – Ta
Ambient temperature Ta (°C)
80
0
0
60
40
20
20
40
60
80
100
PC – Ta
Ambient temperature Ta (°C)
80
0
60
40
20
0
20
40
60
80
100
Forward current IF (mA)
Ta = 25°C
10
20
0.1
1
5
3
1
0.5
0.3
3
10
30
100
VCE = 5V
0.4
IC – IF
(typ.)
Forward voltage VF (V)
100
1
0.8
0.9
1.0
1.1
1.2
1.3
1.4
50
30
10
5
3
Ta = 75°C
50
25
0
− 25
IF – VF
(typ.)
100
3
1
50
30
10
5
30
100
10
3
Forward current IF (mA)
Ta = 25°C
VCE = 5V
0.4
IC / IF – IF
(typ.)
16
0
0
14
12
10
8
6
4
2
8
6
4
2
10
12
14
16
Collector-emitter voltage VCE (V)
Ta = 25°C
IC – VCE
(typ.)
36
32
28
24
20
16
PC max
12
8
IF = 4mA


Podobny numer części - TLP801A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP800 TOSHIBA-TLP800 Datasheet
382Kb / 9P
   PHOTO-INTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP800A TOSHIBA-TLP800A Datasheet
382Kb / 9P
   PHOTO-INTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP802 TOSHIBA-TLP802 Datasheet
283Kb / 6P
   INFRARED LEDPHOTO TRANSISTOR
TLP803 TOSHIBA-TLP803 Datasheet
383Kb / 9P
   PHOTO INTERRUPTER INFRARED LED PHOTOTRANSISTOR
logo
List of Unclassifed Man...
TLP808 ETC2-TLP808 Datasheet
507Kb / 5P
   8-outlet, 8-ft cord, 1440 joule - Protect It! Surge Suppressor
More results

Podobny opis - TLP801A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP830 TOSHIBA-TLP830 Datasheet
346Kb / 7P
   INFRARED LED PHOTOTRANSISTOR
TLP830 TOSHIBA-TLP830_07 Datasheet
258Kb / 9P
   Infrared LED Phototransistor
TLP841 TOSHIBA-TLP841 Datasheet
188Kb / 8P
   Infrared LED Phototransistor
TLP831 TOSHIBA-TLP831 Datasheet
334Kb / 7P
   PHOTOINTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP836 TOSHIBA-TLP836 Datasheet
319Kb / 6P
   TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP800A TOSHIBA-TLP800A Datasheet
382Kb / 9P
   PHOTO-INTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP810 TOSHIBA-TLP810 Datasheet
299Kb / 7P
   PHOTO INTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP814 TOSHIBA-TLP814 Datasheet
307Kb / 7P
   PHOTO INTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP813 TOSHIBA-TLP813 Datasheet
352Kb / 6P
   TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP1243 TOSHIBA-TLP1243 Datasheet
243Kb / 9P
   Photo-interrupter Infrared LEDPhototransistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com