Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC34262DG Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC34262DG
Szczegółowy opis  Power Factor Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34262DG Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC34262DG Datasheet HTML 1Page - ON Semiconductor MC34262DG Datasheet HTML 2Page - ON Semiconductor MC34262DG Datasheet HTML 3Page - ON Semiconductor MC34262DG Datasheet HTML 4Page - ON Semiconductor MC34262DG Datasheet HTML 5Page - ON Semiconductor MC34262DG Datasheet HTML 6Page - ON Semiconductor MC34262DG Datasheet HTML 7Page - ON Semiconductor MC34262DG Datasheet HTML 8Page - ON Semiconductor MC34262DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MC34262, MC33262
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued) (VCC = 12 V (Note 6), for typical values TA = 25°C, for min/max values TA is the
operating ambient temperature range that applies (Note 7), unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
MULTIPLIER
Dynamic Input Voltage Range
Multiplier Input (Pin 3)
Compensation (Pin 2)
VPin 3
VPin 2
0 to 2.5
Vth(M) to
(Vth(M) + 1.0)
0 to 3.5
Vth(M) to
(Vth(M) + 1.5)
V
Multiplier Gain (VPin 3 = 0.5 V, VPin 2 = Vth(M) + 1.0 V) (Note 8)
K
0.43
0.65
0.87
1/V
ZERO CURRENT DETECTOR
Input Threshold Voltage (Vin Increasing)
Vth
1.33
1.6
1.87
V
Hysteresis (Vin Decreasing)
VH
100
200
300
mV
Input Clamp Voltage
High State (IDET = + 3.0 mA)
Low State (IDET = − 3.0 mA)
VIH
VIL
6.1
0.3
6.7
0.7
1.0
V
CURRENT SENSE COMPARATOR
Input Bias Current (VPin 4 = 0 V)
IIB
− 0.15
−1.0
mA
Input Offset Voltage (VPin 2 = 1.1 V, VPin 3 = 0 V)
VIO
9.0
25
mV
Maximum Current Sense Input Threshold (Note 9)
Vth(max)
1.3
1.5
1.8
V
Delay to Output
tPHL(in/out)
200
400
ns
DRIVE OUTPUT
Output Voltage (VCC = 12 V)
Low State
(ISink = 20 mA)
Low State
(ISink = 200 mA)
High State
(ISource = 20 mA)
High State
(ISource = 200 mA)
VOL
VOH
9.8
7.8
0.3
2.4
10.3
8.4
0.8
3.3
V
Output Voltage (VCC = 30 V)
High State (ISource = 20 mA, CL = 15 pF)
VO(max)
14
16
18
V
Output Voltage Rise Time (CL = 1.0 nF)
tr
50
120
ns
Output Voltage Fall Time (CL = 1.0 nF)
tf
50
120
ns
Output Voltage with UVLO Activated
(VCC = 7.0 V, ISink = 1.0 mA)
VO(UVLO)
0.1
0.5
V
RESTART TIMER
Restart Time Delay
tDLY
200
620
ms
UNDERVOLTAGE LOCKOUT
Startup Threshold (VCC Increasing)
Vth(on)
11.5
13
14.5
V
Minimum Operating Voltage After Turn−On (VCC Decreasing)
VShutdown
7.0
8.0
9.0
V
Hysteresis
VH
3.8
5.0
6.2
V
TOTAL DEVICE
Power Supply Current
Startup (VCC = 7.0 V)
Operating
Dynamic Operating (50 kHz, CL = 1.0 nF)
ICC
0.25
6.5
9.0
0.4
12
20
mA
Power Supply Zener Voltage (ICC = 25 mA)
VZ
30
36
V
5. Maximum package power dissipation limits must be observed.
6. Adjust VCC above the startup threshold before setting to 12 V.
7. Tlow =0°C for MC34262
Thigh = +85°C for MC34262
= −40°C for MC33262
= +105°C for MC33262.
8. K +
Pin 4 Threshold
VPin 3 (VPin2 * Vth(M))
9. This parameter is measured with VFB = 0 V, and VPin 3 = 3.0 V.


Podobny numer części - MC34262DG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC34262DG ONSEMI-MC34262DG Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
More results

Podobny opis - MC34262DG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
MC34262 ONSEMI-MC34262_05 Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262_11 Datasheet
549Kb / 9P
   Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262 Datasheet
393Kb / 16P
   POWER FACTOR CONTROLLERS
1996 REV 1
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262 Datasheet
696Kb / 9P
   Power Factor Controllers
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
   Power Factor Controllers
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_11 Datasheet
401Kb / 19P
   Power Factor Controllers
September, 2011 ??Rev. 13
logo
Motorola, Inc
MC34261 MOTOROLA-MC34261 Datasheet
309Kb / 12P
   POWER FACTOR CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com