Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC34262DR2G Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części MC34262DR2G
Szczegółowy opis  Power Factor Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34262DR2G Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button MC34262DR2G Datasheet HTML 4Page - ON Semiconductor MC34262DR2G Datasheet HTML 5Page - ON Semiconductor MC34262DR2G Datasheet HTML 6Page - ON Semiconductor MC34262DR2G Datasheet HTML 7Page - ON Semiconductor MC34262DR2G Datasheet HTML 8Page - ON Semiconductor MC34262DR2G Datasheet HTML 9Page - ON Semiconductor MC34262DR2G Datasheet HTML 10Page - ON Semiconductor MC34262DR2G Datasheet HTML 11Page - ON Semiconductor MC34262DR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
MC34262, MC33262
http://onsemi.com
8
A significant reduction in line current distortion can be
attained by forcing the preconverter to switch as the ac line
voltage crosses through zero. The forced switching is
achieved by adding a controlled amount of offset to the
Multiplier and Current Sense Comparator circuits. The
equation shown below accounts for the built−in offsets and
is accurate to within ten percent. Let Vth(M) = 1.991 V
VCS, Pin 4 Threshold = 0.544 (VPin 2 − Vth(M)) VPin 3
+ 0.0417 (VPin 2 − Vth(M))
Zero Current Detector
The MC34262 operates as a critical conduction current
mode controller, whereby output switch conduction is
initiated by the Zero Current Detector and terminated when
the peak inductor current reaches the threshold level
established by the Multiplier output. The Zero Current
Detector initiates the next on−time by setting the RS Latch
at the instant the inductor current reaches zero. This critical
conduction mode of operation has two significant benefits.
First, since the MOSFET cannot turn−on until the inductor
current reaches zero, the output rectifier reverse recovery
time becomes less critical, allowing the use of an
inexpensive rectifier. Second, since there are no deadtime
gaps between cycles, the ac line current is continuous, thus
limiting the peak switch to twice the average input current.
The Zero Current Detector indirectly senses the inductor
current by monitoring when the auxiliary winding voltage
falls below 1.4 V. To prevent false tripping, 200 mV of
hysteresis is provided. Figure 10 shows that the thresholds
are well−defined over temperature. The Zero Current
Detector input is internally protected by two clamps. The
upper 6.7 V clamp prevents input overvoltage breakdown
while the lower 0.7 V clamp prevents substrate injection.
Current limit protection of the lower clamp transistor is
provided in the event that the input pin is accidentally
shorted to ground. The Zero Current Detector input to
Drive Output turn−on propagation delay is typically 320 ns.
Figure 19. Inductor Current and MOSFET
Gate Voltage Waveforms
Inductor Current
Average
MOSFET
Q1
On
Off
0
Peak
Current Sense Comparator and RS Latch
The Current Sense Comparator RS Latch configuration
used ensures that only a single pulse appears at the Drive
Output during a given cycle. The inductor current is
converted to a voltage by inserting a ground−referenced
sense resistor R7 in series with the source of output switch
Q1. This voltage is monitored by the Current Sense Input
and compared to a level derived from the Multiplier output.
The peak inductor current under normal operating
conditions is controlled by the threshold voltage of Pin 4
where:
Pin 4 Threshold
R7
IL(pk ) =
Abnormal
operating
conditions
occur
during
preconverter startup at extremely high line or if output
voltage sensing is lost. Under these conditions, the
Multiplier output and Current Sense threshold will be
internally clamped to 1.5 V. Therefore, the maximum peak
switch current is limited to:
1.5 V
R7
Ipk(max) =
An internal RC filter has been included to attenuate any
high frequency noise that may be present on the current
waveform. This filter helps reduce the ac line current
distortion especially near the zero crossings. With the
component values shown in Figure 21, the Current Sense
Comparator threshold, at the peak of the haversine varies
from 1.1 V at 90 Vac to 100 mV at 268 Vac. The Current
Sense Input to Drive Output turn−off propagation delay is
typically less than 200 ns.
Timer
A watchdog timer function was added to the IC to
eliminate the need for an external oscillator when used in
stand−alone applications. The Timer provides a means to
automatically start or restart the preconverter if the Drive
Output has been off for more than 620
ms after the inductor
current reaches zero. The restart time delay versus
temperature is shown in Figure 9.
Undervoltage Lockout and Quickstart
An Undervoltage Lockout comparator has been
incorporated to guarantee that the IC is fully functional
before enabling the output stage. The positive power
supply terminal (VCC) is monitored by the UVLO
comparator with the upper threshold set at 13 V and the
lower threshold at 8.0 V. In the stand−by mode, with VCC
at 7.0 V, the required supply current is less than 0.4 mA.
This large hysteresis and low startup current allow the
implementation of efficient bootstrap startup techniques,
making these devices ideally suited for wide input range
off−line preconverter applications. An internal 36 V
clamp has been added from VCC to ground to protect the IC
and capacitor C4 from an overvoltage condition. This
feature is desirable if external circuitry is used to delay the
startup of the preconverter. The supply current, startup, and
operating voltage characteristics are shown in Figures 14
and 15.


Podobny numer części - MC34262DR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC34262DR2G ONSEMI-MC34262DR2G Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
More results

Podobny opis - MC34262DR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
MC34262 ONSEMI-MC34262_05 Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262_11 Datasheet
549Kb / 9P
   Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262 Datasheet
393Kb / 16P
   POWER FACTOR CONTROLLERS
1996 REV 1
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262 Datasheet
696Kb / 9P
   Power Factor Controllers
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
   Power Factor Controllers
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_11 Datasheet
401Kb / 19P
   Power Factor Controllers
September, 2011 ??Rev. 13
logo
Motorola, Inc
MC34261 MOTOROLA-MC34261 Datasheet
309Kb / 12P
   POWER FACTOR CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com