Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KRX210E Arkusz danych(PDF) 1 Page - KEC(Korea Electronics)

Numer części KRX210E
Szczegółowy opis  SEMICONDUCTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRX210E Arkusz danych(HTML) 1 Page - KEC(Korea Electronics)

  KRX210E Datasheet HTML 1Page - KEC(Korea Electronics) KRX210E Datasheet HTML 2Page - KEC(Korea Electronics) KRX210E Datasheet HTML 3Page - KEC(Korea Electronics) KRX210E Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2014. 3. 31
1/4
SEMICONDUCTOR
TECHNICAL DATA
KRX210E
Revision No : 3
SWITCHING APPLICATION.
INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATION.
FEATURES
・Including two devices in TES6.
・With Built-in bias resistors.
・Simplify circuit design.
・Reduce a quantity of parts and manufacturing process.
1. Q
COMMON (EMITTER)
4. Q
COMMON (EMITTER)
3. Q
OUT (COLLECTOR)
5. Q
IN (BASE)
6. Q
OUT (COLLECTOR)
1
2
2. Q
IN (BASE)
1
1
2
2
DIM
MILLIMETERS
A
A1
B1
C
TES6
1.6 0.05
1.0 0.05
1.6 0.05
1.2 0.05
0.50
0.2 0.05
0.35 0.05
B
D
E
B1
B
1
2
3
6
4
P
P
H
J
P
5
+
_
+
_
+
_
+
_
+
_
0.5 0.05
+
_
+
_
0.12 0.05
5
+
_
E
EQUIVALENT CIRCUIT
Q2 MAXIMUM RATING (Ta=25℃)
R1
R2
COMMON
OUT
Q1
IN
R1
R2
COMMON
OUT
Q2
IN
1
Q2
23
65
4
Q1
EQUIVALENT CIRCUIT (TOP VIEW)
* Total Rating.
CHARACTERISTIC
SYMBOL
RATING
UNIT
Output Voltage
VO
50
V
Input Voltage
VI
30, -10
V
Output Current
IO
100
CHARACTERISTIC
SYMBOL
RATING
UNIT
Output Voltage
VO
-30
V
Input Voltage
VI
-30, 5
V
Output Current
IO
-500
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Dissipation
PD *
200
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
MN
123
4
5
6
Lot No.
Type Name
Q1 MAXIMUM RATING (Ta=25℃)
Q1, Q2 MAXIMUM RATING (Ta=25℃)
Marking
EPITAXIAL PLANAR NPN/PNP TRANSISTOR
Q1
R1=1㏀
R2=10㏀
Q2
R1=10㏀
R2=10㏀


Podobny numer części - KRX210E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KRX211U KEC-KRX211U Datasheet
90Kb / 4P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR
KRX212U KEC-KRX212U Datasheet
90Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR
KRX214U KEC-KRX214U Datasheet
91Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Podobny opis - KRX210E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com