Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB1250 Arkusz danych(PDF) 2 Page - GOOD-ARK Electronics

Numer części SB1250
Szczegółowy opis  Photovoltaic Solar cell Protection Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GOOD-ARK [GOOD-ARK Electronics]
Strona internetowa  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SB1250 Arkusz danych(HTML) 2 Page - GOOD-ARK Electronics

  SB1250 Datasheet HTML 1Page - GOOD-ARK Electronics SB1250 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SB1235 thru SB1250
Ratings and Characteristics Curves (TA = 25℃ unless otherwise noted)
Figure 1. Power Dissipation
文件编号:
GSXH.009.399-18
制定日期:2011.7.20
修改码:
00
页码:
2/2
Forward Current(A)
Forward Current(A)
Figure 3. Forward Characteristics(Typical Value)
VF-- Forward Voltage(V)
02
46
8
10
12
0
1
2
3
4
5
6
0
24
68
10
12
0
50
100
150
200
Figure 2. Forward Current Derating
VR80%VRRM
DC Forward
Tj=25℃
Tj=200℃
0
0.1
0.2
0.3
0.4
0.5
0.6
0.01
0.1
1
10
100


Podobny numer części - SB1250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diotec Semiconductor
SB1250 DIOTEC-SB1250 Datasheet
106Kb / 2P
   Bypass Diodes for Solar Modules - Schottky Barrier Rectifiers
SB1250 DIOTEC-SB1250 Datasheet
98Kb / 2P
   Schottky Barrier Rectifiers
logo
Semikron International
SB1250 SEMIKRON-SB1250 Datasheet
378Kb / 2P
   Schottky barrier rectifiers diodes
logo
Micro Commercial Compon...
SB1250 MCC-SB1250 Datasheet
479Kb / 3P
   12 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Leshan Radio Company
SB1250 LRC-SB1250 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 12A
More results

Podobny opis - SB1250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VSB2045Y-M3 VISHAY-VSB2045Y-M3 Datasheet
79Kb / 6P
   Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 04-Dec-13
logo
HY ELECTRONIC CORP.
20TLV045 HY-20TLV045_17 Datasheet
138Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
20TQ045 HY-20TQ045_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
25PV030 HY-25PV030_17 Datasheet
150Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
THY1545 HY-THY1545_17 Datasheet
146Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
TP2545 HY-TP2545_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
logo
Vishay Siliconix
VSB2045 VISHAY-VSB2045 Datasheet
77Kb / 4P
   Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 06-Jul-12
logo
GOOD-ARK Electronics
SB1235 GOOD-ARK-SB1235_15 Datasheet
87Kb / 2P
   Photovoltaic Solar cell Protection Schottky Rectifier
logo
Vishay Siliconix
VSB1545-M3 VISHAY-VSB1545-M3_V01 Datasheet
78Kb / 5P
   Photovoltaic Solar Cell Protection Schottky Rectifier
08-Feb-17
VSB1545S-E3 VISHAY-VSB1545S-E3 Datasheet
84Kb / 5P
   Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 11-Sep-13
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com