Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM14N65P Arkusz danych(PDF) 5 Page - Analog Power

Numer części AM14N65P
Szczegółowy opis  N-Channel 650-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANALOGPOWER [Analog Power]
Strona internetowa  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM14N65P Arkusz danych(HTML) 5 Page - Analog Power

  AM14N65P Datasheet HTML 1Page - Analog Power AM14N65P Datasheet HTML 2Page - Analog Power AM14N65P Datasheet HTML 3Page - Analog Power AM14N65P Datasheet HTML 4Page - Analog Power AM14N65P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Analog Power
AM14N65P
MIN
MAX
A
4.24
4.72
A1
1.11
1.41
A2
2.22
2.7
B
2.6
3.9
b
0.66
0.94
b2
1.17
1.45
c
0.4
0.6
D
14.5
15.74
D1
8.4
9.65
D2
12.08
12.48
E
9.7
10.54
E1
8
8.4
e
2.49
2.59
L
12.27
14.5
ØP
3.55
3.89
Q
2.58
2.98
Package Information
DIM.
MILLIMETERS
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out
of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary
in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL
products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation
where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application,
Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
Option 3
Option 1
Option 2
© Preliminary
5
Publication Order Number:
DS_AM14N65P_1A


Podobny numer części - AM14N65P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Power
AM14N25-280D ANALOGPOWER-AM14N25-280D Datasheet
347Kb / 5P
   N-Channel 250-V (D-S) MOSFET
More results

Podobny opis - AM14N65P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Power
AM12N65P ANALOGPOWER-AM12N65P Datasheet
332Kb / 5P
   N-Channel 650-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBM165R02 VBSEMI-VBM165R02 Datasheet
761Kb / 9P
   N-Channel 650 V (D-S) MOSFET
AOT11S60 VBSEMI-AOT11S60 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
2SK3050 VBSEMI-2SK3050 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
2SK3472 VBSEMI-2SK3472 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
6R380C6 VBSEMI-6R380C6 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
11N60CFD VBSEMI-11N60CFD Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
12N50ES VBSEMI-12N50ES Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
14NM65N VBSEMI-14NM65N Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
4002H VBSEMI-4002H Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
KF4N65P VBSEMI-KF4N65P Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com