Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS12 Arkusz danych(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Numer części SS12
Szczegółowy opis  SCHOTTKY DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Strona internetowa  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

SS12 Arkusz danych(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  SS12 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. SS12 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page:P2-P2
Plastic-Encapsulate Diodes
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
Typical
Characteristics
INSTANTANEOUS FORWARD VOLTAGE, V
0.4
Fig.5- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, V
0.1
2
20
00.2
400
200
0.01
0.1
SS12-SS14
10
1
SS15-SS110
100
Tj=25 C
1.2
0.6
0.8
1.0
SS18-SS110
SS15-SS16
SS12-SS14
1.6
1.4
Tj=25 C
Fig.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
1
10
50
o
TJ=75 C
TJ=25 C
PERCENT OF RATED PEAK REVERSE
VOLTAGE,%
0.01
0
0
1.0
40
20
60
o
80
100
TJ=100 C
Fig.4- TYPICAL REVERSE CHARACTERISTICS
1000
100
10
o
o
Fig.6- TYPICAL TRANSIENT THERMAL IMPEDANCE
PULSE DURATION, sec.
10
0.1
1
0.01
0.1
1
100
100
10
Single phase, half wave 60Hz,
resistive or inductive load
50
AMBIENT TEMPERATURE, ( C)
FIG.1-FORWARD CURRENT DERATING CURVE
SS12-SS14
SS15-SS110
0
0
0.2
0.4
25
1.0
0.6
0.8
150
100
75
125
175
NUMBER OF CYCLES AT 60 Hz
Fig.2- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0
1
8
16
10
24
32
40
100
SS14---SS110


Podobny numer części - SS12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SS12 PANJIT-SS12 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jing Heng Electro...
SS12 JINGHENG-SS12 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12 PANJIT-SS12 Datasheet
117Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
SS12 SAMYANG-SS12 Datasheet
739Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SS12 WTE-SS12 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Podobny opis - SS12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com