Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS4288C09 Arkusz danych(PDF) 11 Page - GSI Technology

Numer części GS4288C09
Szczegółowy opis  32M x 9, 16M x 18, 8M x 36 288Mb CIO Low Latency DRAM (LLDRAM) II
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GSI [GSI Technology]
Strona internetowa  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS4288C09 Arkusz danych(HTML) 11 Page - GSI Technology

Back Button GS4288C09 Datasheet HTML 7Page - GSI Technology GS4288C09 Datasheet HTML 8Page - GSI Technology GS4288C09 Datasheet HTML 9Page - GSI Technology GS4288C09 Datasheet HTML 10Page - GSI Technology GS4288C09 Datasheet HTML 11Page - GSI Technology GS4288C09 Datasheet HTML 12Page - GSI Technology GS4288C09 Datasheet HTML 13Page - GSI Technology GS4288C09 Datasheet HTML 14Page - GSI Technology GS4288C09 Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
GS4288C09/18/36L
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 7/2014
11/62
© 2011, GSI Technology
On–Die Termination (ODT)
Mode Register Bit 9 (M9) set to 1 during an MRS command enables ODT. With ODT on, the DQs and DM are terminated to VTT
with a resistance, RTT. Command, address, QVLD, and clock signals are not terminated. The diagram below shows the equivalent
circuit of a DQ receiver with ODT. When a tri-stated DQ begins to drive, the ODT function is briefly switched off. When a DQ
stops driving at the end of a data transfer, ODT is switched back on. Two-state DM pin never deactivates ODT.
On–Die Termination DC Parameters
Description
Symbol
Min
Max
Units
Notes
Termination Voltage
VTT
0.95 * VREF
1.05 * VREF
V
1, 2
On–Die Termination
RTT
125
185
3
Notes:
1. All voltages referenced to VSS (GND).
2. VTT is expected to be set equal to VREF and must track variations in the DC level of VREF.
3. The RTT value is measured at 95°C TC.
VTT
SW
RTT
Receiver
DQ
VREF
On–Die Termination–Equivalent Circuit


Podobny numer części - GS4288C09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EUROQUARTZ limited
GS42 EUROQUARTZ-GS42 Datasheet
96Kb / 1P
   11.4 x 9.6 x 2.5mm SMD Sine Wave VCXO
logo
GTM CORPORATION
GS420SD GTM-GS420SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
E-Tech Electronics LTD
GS420SD ETL-GS420SD Datasheet
169Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
logo
GTM CORPORATION
GS421SD GTM-GS421SD Datasheet
150Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
E-Tech Electronics LTD
GS421SD ETL-GS421SD Datasheet
155Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
More results

Podobny opis - GS4288C09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS4576C09 GSI-GS4576C09 Datasheet
2Mb / 62P
   64M x 9, 32M x 18, 16M x 36 576Mb CIO Low Latency DRAM (LLDRAM II)
GS4576C36GL-25I GSI-GS4576C36GL-25I Datasheet
2Mb / 63P
   576Mb CIO Low Latency DRAM (LLDRAM II)
GS8256436GD-250I GSI-GS8256436GD-250I Datasheet
431Kb / 35P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256418GB-250I GSI-GS8256418GB-250I Datasheet
431Kb / 35P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256436GD-200IV GSI-GS8256436GD-200IV Datasheet
422Kb / 33P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256436GB-200IV GSI-GS8256436GB-200IV Datasheet
422Kb / 33P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256418GD-250I GSI-GS8256418GD-250I Datasheet
431Kb / 35P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
logo
Micron Technology
MT49H8M36 MICRON-MT49H8M36 Datasheet
1Mb / 49P
   288Mb CIO Reduced Latency
logo
Integrated Silicon Solu...
IS45S81600E ISSI-IS45S81600E Datasheet
870Kb / 61P
   16M x 8, 8M x16 128Mb SYNCHRONOUS DRAM
IS42S81600E ISSI-IS42S81600E Datasheet
934Kb / 61P
   16M x 8, 8M x16 128Mb SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com