Zakładka z wyszukiwarką danych komponentów |
|
SMBG15 Arkusz danych(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. |
|
SMBG15 Arkusz danych(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. |
1 / 4 page MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) Note: (1) Mounted on minimum recommended pad layout THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL VALUE UNIT Typical thermal resistance, junction to ambient (1) RθJA 120 °C/W Typical thermal resistance, junction to lead RθJL 30 °C/W SMBJ5.0 -SMBJ170CA DEVICES FOR BI-DIRECTION APPLICATIONS For bi-directional use C or CA suffix (e.g. SMAJ10C, SMAJ10CA). Electrical characteristics apply in both directions. ♦ Plastic package has Underwriters Laboratory Flammability Classification 94V-0 ♦ For surface mounted applications in order to optimize board space ♦ Low profile package ♦ Built-in strain relief ♦ Glass passivated junction ♦ Low incremental surge resistance ♦ 600W peak pulse power capability with a 10/1000µs waveform, repetition rate (duty cycle): 0.01% ♦ Excellent clamping capability ♦ Fast response time: typically less than 1.0ps from 0 volts to V(BR) for unidirectional and 5.0ns for bidirectional types ♦ For devices with V(BR)≥10V, ID are typically less than 1.0 µA ♦ High temperature soldering guaranteed: 250°C/10 seconds at terminals SYMBOLS VALUE UNITS Peak pulse power dissipation with a 10/1000 µs waveform (NOTES 1, 2, FIG. 1) PPPM Minimum 600 Watts Peak pulse current with a 10/1000 µs waveform (NOTE 1) IPPM SEE TABLE 1 Amps Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) (NOTES 2, 3) - unidirectional only IFSM 100.0 Amps Maximum instantaneous forward voltage at 50A (NOTE 3) unidirectional only VF 3.5 Volts Operating junction and storage temperature range TJ, TSTG -55 to +150 °C NOTES: (1) Non-repetitive current pulse, per Fig.3 and derated above TA=25°C per Fig. 2 (2) Mounted on 0.2 x 0.2” (5.0 x 5.0mm) copper pads to each terminal (3) Measured on 8.3ms single half sine-wave. For uni-directional devices only. 10 DO-214AA (SMB) 0.083(2.11) 0.077(1.96) 0.155(3.94) 0.130(3.30) 0.180(4.57) 0.160(4.06) 0.096(2.44) 0.084(2.13) 0.060(1.52) 0.030(0.76) 0.012(0.305) 0.006(0.152) 0.220(5.59) 0.205(5.21) 0.008(0.203) 0.004(0.102) |
Podobny numer części - SMBG15 |
|
Podobny opis - SMBG15 |