Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAW56W Arkusz danych(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Numer części BAW56W
Szczegółowy opis  Plastic-Encapsulate Diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Strona internetowa  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

BAW56W Arkusz danych(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  BAW56W Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page:P1-P1
Plastic-Encapsulate Diodes
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
SOT-323
SWITCHING DIODE
FEATURES
BAW56W
Fast Switching Speed
For General Purpose Switching Applications
High Conductance
Maximum Ratings @T
a=25
Parameter
Symbol
Limit
Unit
Non-Repetitive Peak
Reverse Voltage
VRM
100
V
Peak Repetitive Peak
Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
IO
150
mA
Peak
Forward Surge Current @t=1.0μs
@
t =1.0s
IFSM
2.0
1.0
A
Power Dissipation
Pd
200
mW
Thermal Resistance Junction to Ambient
RθJA
625
Junction
Temperature
Tj
150
Storage
Temperature
TSTG
-
55~+150
Electrical Ratings @Ta=25
Parameter
Symbol
Min
Ty
p
Max
Unit
Conditions
Reverse breakdown voltage
V (BR)
75
V
IR=2.5μA
VF1
0.715
V
IF=1mA
VF2
0.855
V
IF=10mA
VF3
1.0
V
IF=50mA
Forward voltage
VF4
1.25
V
IF=150mA
IR1
2.5
μA
VR=75V
Reverse current
IR2
25
nA
VR=20V
Capacitance between terminals
CT
2
pF
VR=0V,f=1MHz
Reverse
recovery time
trr
4
ns
IF=IR=10mA
Irr=0.1XIR,RL=100Ω
℃/W
1
2
3


Podobny numer części - BAW56W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Galaxy Semi-Conductor H...
BAW56W BILIN-BAW56W Datasheet
120Kb / 3P
   Surface mount switching diode
logo
Pan Jit International I...
BAW56W PANJIT-BAW56W Datasheet
111Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Won-Top Electronics
BAW56W WTE-BAW56W Datasheet
50Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
KEC(Korea Electronics)
BAW56W KEC-BAW56W Datasheet
349Kb / 1P
   USM PACKAGE
logo
Shanghai Leiditech Elec...
BAW56W LEIDITECH-BAW56W Datasheet
1Mb / 3P
   SOT-323 Plastic-Encapsulate Diode
More results

Podobny opis - BAW56W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GUANGDONG HOTTECH INDUS...
MMBZ52XXB HOTTECH-MMBZ52XXB Datasheet
416Kb / 3P
   Plastic-Encapsulate Diodes
1SS184 HOTTECH-1SS184 Datasheet
201Kb / 2P
   Plastic-Encapsulate Diodes
1SS196 HOTTECH-1SS196 Datasheet
208Kb / 2P
   Plastic-Encapsulate Diodes
BAT54WS HOTTECH-BAT54WS Datasheet
202Kb / 2P
   Plastic-Encapsulate Diodes
S2A HOTTECH-S2A Datasheet
304Kb / 2P
   Plastic-Encapsulate Diodes
B5817W HOTTECH-B5817W Datasheet
294Kb / 2P
   Plastic-Encapsulate Diodes
BAV19W HOTTECH-BAV19W Datasheet
350Kb / 2P
   Plastic-Encapsulate Diodes
SD103AW HOTTECH-SD103AW Datasheet
160Kb / 2P
   Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
SCS481K WILLAS-SCS481K Datasheet
838Kb / 3P
   Plastic-Encapsulate Diodes
logo
GUANGDONG HOTTECH INDUS...
1N4148WS HOTTECH-1N4148WS Datasheet
91Kb / 2P
   Plastic-Encapsulate Diodes
logo
SHENZHEN SLS TECHNOLOGY...
BAT54W SHENZHENSLS-BAT54W Datasheet
298Kb / 1P
   Plastic-Encapsulate Diodes
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com