Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

J1012F21KNL Arkusz danych(PDF) 3 Page - Pulse A Technitrol Company

Numer części J1012F21KNL
Szczegółowy opis  integrated magnetics connector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULSE [Pulse A Technitrol Company]
Strona internetowa  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J1012F21KNL Arkusz danych(HTML) 3 Page - Pulse A Technitrol Company

  J1012F21KNL Datasheet HTML 1Page - Pulse A Technitrol Company J1012F21KNL Datasheet HTML 2Page - Pulse A Technitrol Company J1012F21KNL Datasheet HTML 3Page - Pulse A Technitrol Company J1012F21KNL Datasheet HTML 4Page - Pulse A Technitrol Company J1012F21KNL Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TD+ 1
CT 3
TD- 2
1 TX+
2 TX-
4
5
7
8
1CT : 1
TRANSMIT
NOTE: Connect CHS GND to PCB ground.
RD+ 7
CT 6
RD- 8
3 RX+
6 RX-
1CT : 1
TRANSMIT
4
5
N/C
N/C
J1 Series Electrical Schematics
TD+ 1
CT 3
TD- 2
1 TX+
2 TX-
4
5
7
8
75
75
1CT : 1
TRANSMIT
75
75
NOTE: Connect CHS GND to PCB ground.
RD+ 7
CT 6
RD- 8
3 RX+
6 RX-
1CT : 1
TRANSMIT
4
5
C1
0.001 µF
CHS GROUND
J1006
PULSEJACKTM
1x1 Tab-UP RJ45
Yellow
585 nm
2.5 V
2.1 V
Green
565 nm
2.5 V
2.2 V
Standard LED
Wavelength
Forward* V(MAX)
(TYP)
* With a forward current of 20 mA
J1011
TD+ 1
CT 2
TD- 3
RD+ 4
CT 5
RD- 6
8
1 TX+
2 TX-
3 RX+
6 RX-
4
5
7
8
C1
75
75
1CT : 1
TRANSMIT
1CT : 1
RECEIVE
75
75
CHS GROUND
NOTE: Connect CHS GND to PCB ground.
TD+ 1
CT 3
TD- 2
RD+ 7
CT 6
RD- 8
4
5
1 TX+
2 TX-
3 RX+
6 RX-
4
5
7
8
C1
75
75
1CT : 1
TRANSMIT
1CT : 1
RECEIVE
0.001 µF
75
75
CHS GROUND
NOTE: Connect CHS GND to PCB ground.
J1012
J1026
LED = C or K
Left LED
Right LED
9
10
12
11
LED = L or R
Right LED
Left LED
10
9
12
11
LED = P
Left LED
Right LED
9
10
12
11
www.pulseeng.com
USA 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 769 85538070 •• Taiwan 886 3 4641811
www.pulseeng.com
3
J402.D (6/06)


Podobny numer części - J1012F21KNL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
J1012F21KNL PULSE-J1012F21KNL Datasheet
1Mb / 5P
   1x1 Tab-UP RJ45
More results

Podobny opis - J1012F21KNL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
J2039H3 PULSE-J2039H3 Datasheet
805Kb / 11P
   integrated magnetics connector
JK0-0004 PULSE-JK0-0004 Datasheet
213Kb / 4P
   integrated magnetics connector
J8064D628A PULSE-J8064D628A Datasheet
464Kb / 6P
   integrated magnetics connector
JK0-0020 PULSE-JK0-0020 Datasheet
165Kb / 3P
   integrated magnetics
JG0-0031 PULSE-JG0-0031 Datasheet
181Kb / 3P
   integrated magnetics
logo
Bothhand USA, LP.
DU6T201A1 BOTHHAND-DU6T201A1 Datasheet
381Kb / 4P
   10/100Base-T RJ45 2x6 Integrated Magnetics Connector
KLA4S109LF BOTHHAND-KLA4S109LF Datasheet
221Kb / 2P
   1000 BASE-T RJ45 1x4 INTEGRATED MAGNETICS CONNECTOR
DU1D201A1 BOTHHAND-DU1D201A1 Datasheet
407Kb / 5P
   10/100Base-T RJ45 2x1 Integrated Magnetics Connector
logo
Allied Components Inter...
AR24-4464I ALLIED-AR24-4464I Datasheet
1Mb / 2P
   2x4 RJ45 With Integrated Magnetics
AR1015-1221 ALLIED-AR1015-1221 Datasheet
466Kb / 2P
   Single Port RJ45 CONNECTOR WITH INTEGRATED MAGNETICS,TAB DOWN
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com