Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STDA45E-T04 Arkusz danych(PDF) 1 Page - Vitec Power

Numer części STDA45E-T04
Szczegółowy opis  50W Desktop Power Supply for Industrial Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  Vitec [Vitec Power]
Strona internetowa  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STDA45E-T04 Arkusz danych(HTML) 1 Page - Vitec Power

  STDA45E-T04 Datasheet HTML 1Page - Vitec Power STDA45E-T04 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIDA45E SERIES
50W Desktop Power Supply for Industrial Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
IEC-320-C14 Input Inlet
Output Voltage Available From 2VDC Thru 50VDC
Input Surge Current, Over Voltage and Overload Protection
Operating temperature -20~70°C
Single to Triple Output
Class I Insulation
2 Year Warranty
Approvals:
Single Output
Part Number
Output Voltage
Max. Output Current
Total Regulation
Max Output Power
SIDA45E-S00
0
2 ~ 03 VDC
8.00 A max
7%
24W
SIDA45E-S01
03 ~ 05 VDC
8.00 A max
5%
40W
SIDA45E-S02
05 ~ 06 VDC
8.00 ~ 6.66 A
5%
40W
SIDA45E-S03
06 ~ 08 VDC
7.00 ~ 5.25 A
5%
42W
SIDA45E-S04
08 ~ 11 VDC
5.63 ~ 4.00 A
4%
45W
SIDA45E-S05
11 ~ 13 VDC
4.00 ~ 3.46 A
3%
45W
SIDA45E-S06
13 ~ 16 VDC
3.46 ~ 2.81 A
3%
45W
SIDA45E-S07
16 ~ 21 VDC
3.12 ~ 2.38 A
3%
50W
SIDA45E-S08
21 ~ 27 VDC
2.30 ~ 1.85 A
2%
50W
SIDA45E-S09
27 ~ 33 VDC
1.85 ~ 1.51 A
2%
50W
SIDA45E-S10
33 ~ 40 VDC
1.51 ~ 1.25 A
2%
50W
SIDA45E-S11
40 ~ 50 VDC
1.25 ~ 1.00 A
2%
50W
Multi Output
Model
Number
Output 1
Output 2
Output 3
Max Output
Power
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
STDA45E-D00
+3.3V
0.5A
5A
7%
+12V
0.3A
2A
5%
40W
STDA45E-D01
+5V
0.5A
5A
5%
+12V
0.3A
2A
5%
42W
STDA45E-D02
+5V
0.8A
5A
7%
+15V
0.3A
1.5A
5%
42W
STDA45E-D03
+5V
0.5A
5A
5%
+24V
0.1A
1A
5%
42W
STDA45E-D04
+3.3V
0.5A
5A
7%
+5V
0.2A
2A
5%
26.5W
STDA45E-D09
+12V
0.3A
3A
5%
-12V
0.1A
1A
5%
42W
STDA45E-D10
+15V
0.2A
2A
5%
-15V
0.1A
1A
5%
42W
STDA45E-D15
+5V
0.5A
5A
5%
-24V
0.1A
1A
5%
42W
STDA45E-D16
+5.1V
0A
1A
5%
+7.2V
0.2A
2.6A
5%
23.82W
STDA45E-T00
+3.3V
1.0A
5A
7%
+12V
0.3A
2A
5%
-12V
0.1A
0.8A
5%
42W
STDA45E-T01
+5V
0.5A
5A
5%
+12V
0.2A
2A
5%
-5V
0A
0.8A
5%
42W
STDA45E-T02
+5V
0.5A
5A
5%
+12V
0.2A
2A
5%
-12V
0A
0.8A
5%
42W
STDA45E-T03
+5V
0.5A
5A
5%
+15V
0.3A
2A
6%
-15V
0A
0.8A
5%
42W
STDA45E-T04
+5V
0.5A
5A
5%
+24V
0.2A
1A
5%
-24V
0A
0.5A
5%
42W
STDA45E-T05
+5V
0.5A
5A
5%
+24V
0.1A
1A
5%
-12V
0A
0.8A
5%
42W
STDA45E-T06
+3.3V
0.5A
5A
7%
+12V
0.4A
2A
5%
-5V
0A
0.8A
5%
42W
STDA45E-S00,S01,D15,D16,T00,T05,T06 is not approved by TUV-PSE
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
-20
40
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operating Temperature at 25°C, calculated per MIL-HDBK-217F
0.1M
Hrs
De-rate linearly from 100% load at 40°C to 50% load at 70°C


Podobny numer części - STDA45E-T04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vitec Power
STDA45E-T04 Vitec-STDA45E-T04 Datasheet
436Kb / 2P
   50W Desktop Power Supply for Industrial Equipment
More results

Podobny opis - STDA45E-T04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vitec Power
SIDA45-SERIES Vitec-SIDA45-SERIES Datasheet
435Kb / 2P
   50W Desktop Power Supply for Industrial Equipment
SIDA45 Vitec-SIDA45 Datasheet
435Kb / 2P
   50W Desktop Power Supply for Industrial Equipment
SIDA45E Vitec-SIDA45E Datasheet
436Kb / 2P
   50W Desktop Power Supply for Industrial Equipment
SIDA46-SERIES Vitec-SIDA46-SERIES Datasheet
373Kb / 2P
   50W Desktop Power Supply for Industrial Equipment
SIDA46 Vitec-SIDA46 Datasheet
384Kb / 2P
   50W Desktop Power Supply for Industrial Equipment
STDA45 Vitec-STDA45 Datasheet
442Kb / 2P
   50W Desktop Power Supply for I.T. Equipment
SMDA50 Vitec-SMDA50 Datasheet
388Kb / 2P
   50W Desktop Power Supply for Medical Equipment
STDA46 Vitec-STDA46 Datasheet
373Kb / 2P
   50W Desktop Power Supply for I.T. Equipment
STDA45E Vitec-STDA45E Datasheet
439Kb / 2P
   50W Desktop Power Supply for I.T. Equipment
SMDA50-SERIES Vitec-SMDA50-SERIES Datasheet
388Kb / 2P
   50W Desktop Power Supply for Medical Equipment
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com