Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC-160 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części MC-160
Szczegółowy opis  High Quality Power Cord
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

MC-160 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  MC-160 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
31/12/15
High Quality Power Cord
UL Certificated
Plug Component
Colour
Component
Qty
35P (Black)
ME-301 (Nema 5-15P)
1
Nickel-plated
4.75 GEM 98475ABS-1
(#14-#18) (Earth Pins Terminal)
1
Nickel-plated
6.3×15 (#14AWG)
GEM 98675BBS-1 (Solid Blades)
2
Black
301-1 (5-15P Inner Body)
1
Dimension
Strip
ROJ
Colour
6 +1/-0 22 ±2
Black (L)
6 +1/-0 22 ±2
White (N)
6 +1/-0 22 ±2
Green (E)
Wire Styles
SJ 14AWGx3C
90°C Black
Length : 4572mm ±50.8mm
180.6" ±2"
Dimensions
ROJ
Strip
Colour
51±6
19 ±3
Black (L)
51±6
19 ±3
White (N)
51±6
19 ±3
Green (E)
Dimensions : Millimetres
Note:
1. Hi-Pot Test : 1,500V/1Sec; <0.5mA
2. Insulation Resistance Test : DC 500/min>100mΩ
3. Continuity & Polarization Test : No short circuit, break circuit, displacement.
4. Each end terminal shall be capable of withstanding a pull of 25lbs for
1 minutes without loosening.
5. Strain relief shall be capable of withstanding a pull of 35lbs for 1 minutes
with out loosening.
6. All material according to Non-toxic standard.
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
5-15P, SJ, 14/3C, Rubber, 15A 125V
MC-160


Podobny numer części - MC-160

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MC-161 ETC2-MC-161 Datasheet
291Kb / 2P
   High Quality Power Cord
MC-161-1 ETC-MC-161-1 Datasheet
69Kb / 1P
   LCD MODULE
MC-162 ETC2-MC-162 Datasheet
303Kb / 2P
   High Quality Power Cord
MC-162-4 ETC1-MC-162-4 Datasheet
66Kb / 1P
   LCD MODULE
MC-163 ETC2-MC-163 Datasheet
313Kb / 2P
   High Quality Power Cord
More results

Podobny opis - MC-160

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
2009318 ETC2-2009318 Datasheet
301Kb / 2P
   High Quality Power Cord
MC-169 ETC2-MC-169 Datasheet
239Kb / 1P
   High Quality Power Cord
MC-170 ETC2-MC-170 Datasheet
254Kb / 1P
   High Quality Power Cord
MC-161 ETC2-MC-161 Datasheet
291Kb / 2P
   High Quality Power Cord
MC-175 ETC2-MC-175 Datasheet
311Kb / 2P
   High Quality Power Cord
MC-155 ETC2-MC-155 Datasheet
290Kb / 2P
   High Quality Power Cord
MC-172 ETC2-MC-172 Datasheet
291Kb / 2P
   High Quality Power Cord
MC-163 ETC2-MC-163 Datasheet
313Kb / 2P
   High Quality Power Cord
MC-171 ETC2-MC-171 Datasheet
248Kb / 1P
   High Quality Power Cord
MC-173 ETC2-MC-173 Datasheet
307Kb / 2P
   High Quality Power Cord
MC-176 ETC2-MC-176 Datasheet
314Kb / 2P
   High Quality Power Cord
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com