Zakładka z wyszukiwarką danych komponentów |
|
TLP759IGM Arkusz danych(PDF) 1 Page - Toshiba Semiconductor |
|
TLP759IGM Arkusz danych(HTML) 1 Page - Toshiba Semiconductor |
1 / 6 page TLP759(IGM) 2003-02-19 1 TOSHIBA Photocoupler GaAℓAs Ired + Photo IC TLP759(IGM) Transistor Invertor Inverter For Air Conditioner Line Receiver IPM Interfaces The TOSHIBA TLP759(IGM) consists of a GaAℓAs high−output light emitting diode and a high speed detector of one chip photo diode- transistor. This unit is 8−lead DIP. TLP759(IGM) has no internal base connection, and a faraday shield integrated on the photodetector chip provides an effective common mode noise transient immunity. TLP759(IGM) guarantees minimum and maximum of propagation delay time, switching time dispersion, and high common mode transient immunity. Therefor TLP759(IGM) is suitable for isolation interface between IPM(intelligent power module) and control IC circuits in motor control application. · Isolation voltage: 5000Vrms (min.) · Common mode transient immunity : ±10kV / µs (min.) @VCM = 1500 V · Switching Time : tpHL,tpLH = 0.1µs (min.) = 0.8µs (max.) @IF = 10mA,VCC = 15V,RL = 20kΩ,Ta = 25°C · Switching time dispersion: 0.7µs (max.) (|tpLH-tpHL|) · TTL compatible · UL recognized: UL1577, file no.E67349 Pin Configuration(top view) 1 : N.C. 2 : Anode 3 : Cathode 4 : N.C. 5 : Emitter 6 : Collector 7 : N.C. 8 : VCC 7 8 6 2 1 3 4 5 Shield Schematic 8 6 2 3 VO 5 Shield GND VCC IO ICC VF IF TOSHIBA 11 −10C4 Weight: 0.54 g Unit in mm TENTATIVE |
Podobny numer części - TLP759IGM |
|
Podobny opis - TLP759IGM |