Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STDA16B-S04 Arkusz danych(PDF) 2 Page - Vitec Power

Numer części STDA16B-S04
Szczegółowy opis  15W Desktop Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  Vitec [Vitec Power]
Strona internetowa  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STDA16B-S04 Arkusz danych(HTML) 2 Page - Vitec Power

  STDA16B-S04 Datasheet HTML 1Page - Vitec Power STDA16B-S04 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
0
40
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operation temperature at 25°C, calculated per MIL-HDBK-217F
100
KHrs
Derate linearly from 100% load at 40°C to 50% load at 70°C
Approvals and Compliance
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
4242
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2121
VDC
Isolation Resistance
Test Voltage = 500VDC
50
EMI requirements for CISPR-22
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
Mechanical
Note:
1.
Dimensions are shown in mm & inch
2.
Weight: 165gs approx.
3.
(Exclude the input cord)
4.
Optional output connector.


Podobny numer części - STDA16B-S04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vitec Power
STDA16B-S04 Vitec-STDA16B-S04 Datasheet
350Kb / 2P
   15W Desktop Power Supply for I.T. Equipment
More results

Podobny opis - STDA16B-S04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vitec Power
STDA16A Vitec-STDA16A Datasheet
438Kb / 2P
   15W Desktop Power Supply for I.T. Equipment
STDA16B Vitec-STDA16B Datasheet
350Kb / 2P
   15W Desktop Power Supply for I.T. Equipment
STDA16A-SERIES Vitec-STDA16A-SERIES Datasheet
427Kb / 2P
   15W Desktop Power Supply for I.T. Equipment
STDA16C Vitec-STDA16C Datasheet
366Kb / 2P
   15W Desktop Power Supply for I.T. Equipment
STDA16C-SERIES Vitec-STDA16C-SERIES Datasheet
366Kb / 2P
   15W Desktop Power Supply for I.T. Equipment
STDA20A Vitec-STDA20A Datasheet
389Kb / 2P
   20W Desktop Power Supply for I.T. Equipment
STDA25B Vitec-STDA25B Datasheet
390Kb / 2P
   25W Desktop Power Supply for I.T. Equipment
STDA80 Vitec-STDA80 Datasheet
374Kb / 2P
   80W Desktop Power Supply for I.T. Equipment
ITDA180I Vitec-ITDA180I Datasheet
372Kb / 2P
   180W Desktop Power Supply for I.T. Equipment
MTDA40A-SERIES Vitec-MTDA40A-SERIES Datasheet
406Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com