Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STDA20A-S08 Arkusz danych(PDF) 1 Page - Vitec Power

Numer części STDA20A-S08
Szczegółowy opis  20W Desktop Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  Vitec [Vitec Power]
Strona internetowa  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STDA20A-S08 Arkusz danych(HTML) 1 Page - Vitec Power

  STDA20A-S08 Datasheet HTML 1Page - Vitec Power STDA20A-S08 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STDA20A SERIES
20W Desktop Power Supply for I.T. Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
IEC-320-C6 input inlet
Output Voltage Available From 5VDC Thru 48VDC
Approved as Limited Power Source (LPS), Splash Proof
Class I Insulation
Input Surge Current, Over Voltage, and Over Current Protection.
Energy Star 2.0, CEC V,and RoHS compliance
3 Year Warranty
Approvals:
Single Output
Model Number
Output Voltage
Max. Output Current
Total Regulation
Maximum Output Power
STDA20A-S02
5 ~ 6 VDC
3.00 ~ 2.50 A
5%
15W
STDA20A-S05
11 ~ 13 VDC
1.81 ~ 1.53 A
4%
20W
STDA20A-S06
13 ~ 16 VDC
1.53 ~ 1.25 A
4%
20W
STDA20A-S08
21 ~ 27 VDC
0.95 ~ 0.74 A
3%
20W
STDA20A-S09
27 ~ 33 VDC
0.74 ~ 0.60 A
3%
20W
STDA20A-S11
40 ~ 48 VDC
0.50 ~ 0.41 A
3%
20W
To achieve the total regulation at per model the output cable AWG#18/4FT is adopt.
The regulation will be changed by modified output cable.
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
20
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
0.4
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.25
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=115VAC
12
15
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
26
30
A
Efficiency
Io=Full Load, Vin=230VAC
75
85
95
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
1
3
5
%
Over Voltage Protection
Nil
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
12
14
16
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.25
0.5
S
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.5
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
No-Load Power Consumption
No load, Vin=240VAC
0
0.3
W
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
0
40
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operation temperature at 25℃, calculated per MIL-HDBK-217F
300
KHrs
Derate linearly from 100% load at 40°C to 50% load at 70°C


Podobny numer części - STDA20A-S08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vitec Power
STDA20A-S08 Vitec-STDA20A-S08 Datasheet
389Kb / 2P
   20W Desktop Power Supply for I.T. Equipment
More results

Podobny opis - STDA20A-S08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vitec Power
STDA20A Vitec-STDA20A Datasheet
389Kb / 2P
   20W Desktop Power Supply for I.T. Equipment
STDA20B Vitec-STDA20B Datasheet
381Kb / 2P
   20W Desktop Power Supply for I.T. Equipment
STDA20B-SERIES Vitec-STDA20B-SERIES Datasheet
381Kb / 2P
   20W Desktop Power Supply for I.T. Equipment
STDA25B Vitec-STDA25B Datasheet
390Kb / 2P
   25W Desktop Power Supply for I.T. Equipment
STDA80 Vitec-STDA80 Datasheet
374Kb / 2P
   80W Desktop Power Supply for I.T. Equipment
ITDA180I Vitec-ITDA180I Datasheet
372Kb / 2P
   180W Desktop Power Supply for I.T. Equipment
MTDA40A-SERIES Vitec-MTDA40A-SERIES Datasheet
406Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
STDA40-SERIES Vitec-STDA40-SERIES Datasheet
436Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
STDA40 Vitec-STDA40 Datasheet
436Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
STDA131 Vitec-STDA131 Datasheet
405Kb / 2P
   130W Desktop Power Supply for I.T. Equipment
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com