Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33HB2001FK Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części MC33HB2001FK
Szczegółowy opis  10 A H-Bridge, SPI programmable brushed DC motor driver
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC33HB2001FK Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button MC33HB2001FK Datasheet HTML 4Page - NXP Semiconductors MC33HB2001FK Datasheet HTML 5Page - NXP Semiconductors MC33HB2001FK Datasheet HTML 6Page - NXP Semiconductors MC33HB2001FK Datasheet HTML 7Page - NXP Semiconductors MC33HB2001FK Datasheet HTML 8Page - NXP Semiconductors MC33HB2001FK Datasheet HTML 9Page - NXP Semiconductors MC33HB2001FK Datasheet HTML 10Page - NXP Semiconductors MC33HB2001FK Datasheet HTML 11Page - NXP Semiconductors MC33HB2001FK Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
NXP Semiconductors
MC33HB2001
10 A H-Bridge, SPI programmable brushed DC motor driver
MC33HB2001
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved
Data sheet: Advance information
Rev. 6.0 — 3 May 2016
8 / 48
structure, which requires a pull-up resistor to VDD. For more details on this pin, see
Table 21.
8 General product characteristics
8.1 Maximum ratings
Table 3. Maximum ratings
All voltages are with respect to ground, unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Symbol
Description (Rating)
Min.
Max.
Unit
SUPPLY
VPWR
Supply voltage (VPWR)
−0.3
40
V
VDDQ
Logic bias input (VDDQ)
−0.3
36
V
VAGND
Analog ground (AGND)
−0.3
0.3
V
VDGND
Digital ground (DGND)
−0.3
0.3
V
VPGND
Power ground (PGND)
−0.3
0.3
V
CHARGE PUMP
VCCP
Charge pump (CCP) voltage
−0.3
VPWR + 12 V
DIGITAL I/O
VIN1
Input 1 (IN1) voltage
−0.3
36
V
VIN2
Input 2 (IN2) voltage
−0.3
36
V
VDIS
Disable (DIS) voltage
−0.3
36
V
VENBL
Enable (ENBL) voltage
−0.3
36
V
VFS_B
Status flag (FS_B) voltage
−0.3
36
V
SPI
VMISO
Serial data output (MISO) voltage
–0.3
VDDQ + 0.3 V
VMOSI
Serial data input (MOSI) voltage
–0.3
36
V
VCSB
Chip select (CS_B) voltage
–0.3
36
V
VSCLK
Serial clock (SCLK)
–0.3
36
V
OUTPUTS
VOUTX
OUT1 and OUT2 voltage
−0.3
VPWR + 2.0 V
VCFB
Current recopy (CFB)
−0.3
30
V
CURRENTS
IPOUTX
OUTx peak current
Transient current (< 5.0 ms) TJ ≤ 150 °C
16
A
ICLAMP
Digital pin current in clamping mode
ENBL, DIS, MOSI, CS_B, SCLK, IN1, IN2
−3.0
3.0
mA
ESD PROTECTION


Podobny numer części - MC33HB2001FK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC33HB2001FK NXP-MC33HB2001FK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
MC33HB2001FK NXP-MC33HB2001FK Datasheet
2Mb / 48P
   10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 9.0-9 August 2018
More results

Podobny opis - MC33HB2001FK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC33HB2000 NXP-MC33HB2000 Datasheet
3Mb / 51P
   10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 6.0 ??9 August 2018
MC33HB2001 NXP-MC33HB2001 Datasheet
2Mb / 48P
   10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 9.0-9 August 2018
MC33HB2002 NXP-MC33HB2002 Datasheet
3Mb / 47P
   10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 5 ??17 April 2020
logo
STMicroelectronics
L9960 STMICROELECTRONICS-L9960 Datasheet
1Mb / 95P
   Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
February 2021 Rev 10
logo
Infineon Technologies A...
TLE8209-2SA INFINEON-TLE8209-2SA_12 Datasheet
703Kb / 38P
   SPI Programmable H-Bridge
Rev. 1.2, Dec. 2012
TLE8209-2 INFINEON-TLE8209-2 Datasheet
758Kb / 41P
   SPI Programmable H-Bridge
Rev. 1.4, October 2014
TLE8209-2SA INFINEON-TLE8209-2SA Datasheet
504Kb / 38P
   SPI Programmable H-Bridge
Rev. 1.0, Feb. 2010
logo
Texas Instruments
DRV8870 TI1-DRV8870_16 Datasheet
1Mb / 25P
[Old version datasheet]   Brushed DC Motor Driver
logo
M.S. Kennedy Corporatio...
MSK4250 MSK-MSK4250 Datasheet
321Kb / 6P
   10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4251S MSK-MSK4251S Datasheet
268Kb / 6P
   10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com