Zakładka z wyszukiwarką danych komponentów |
|
LF298H Arkusz danych(PDF) 6 Page - National Semiconductor (TI) |
|
|
LF298H Arkusz danych(HTML) 6 Page - National Semiconductor (TI) |
6 / 13 page Logic Input Configurations (Continued) Application Hints Hold Capacitor Hold step, acquisition time, and droop rate are the major trade-offs in the selection of a hold capacitor value. Size and cost may also become important for larger values. Use of the curves included with this data sheet should be helpful in se- lecting a reasonable value of capacitance. Keep in mind that for fast repetition rates or tracking fast signals, the capacitor drive currents may cause a significant temperature rise in the LF198. A significant source of error in an accurate sample and hold circuit is dielectric absorption in the hold capacitor. A mylar cap, for instance, may “sag back” up to 0.2% after a quick change in voltage. A long sample time is required before the circuit can be put back into the hold mode with this type of capacitor. Dielectrics with very low hysteresis are polysty- rene, polypropylene, and Teflon. Other types such as mica and polycarbonate are not nearly as good. The advantage of polypropylene over polystyrene is that it extends the maxi- mum ambient temperature from 85˚C to 100˚C. Most ce- ramic capacitors are unusable with > 1% hysteresis. Ce- ramic “NPO” or “COG” capacitors are now available for 125˚C operation and also have low dielectric absorption. For more exact data, see the curve Dielectric Absorption Error. The hysteresis numbers on the curve are final values, taken after full relaxation. The hysteresis error can be significantly reduced if the output of the LF198 is digitized quickly after the hold mode is initiated. The hysteresis relaxation time constant in polypropylene, for instance, is 10 — 50 ms. If A-to-D conversion can be made within 1 ms, hysteresis error will be reduced by a factor of ten. DC and AC Zeroing DC zeroing is accomplished by connecting the offset adjust pin to the wiper ofa1k Ω potentiometer which has one end tied to V + and the other end tied through a resistor to ground. The resistor should be selected to give ≈0.6 mA through the 1k potentiometer. AC zeroing (hold step zeroing) can be obtained by adding an inverter with the adjustment pot tied input to output. A 10 pF capacitor from the wiper to the hold capacitor will give ±4mV hold step adjustment with a 0.01 µF hold capacitor and 5V logic supply. For larger logic swings, a smaller capacitor (< 10 pF) may be used. Logic Rise Time For proper operation, logic signals into the LF198 must have a minimum dV/dt of 1.0 V/µs. Slower signals will cause ex- cessive hold step. If a R/C network is used in front of the CMOS 7V ≤ V LOGIC (Hi State) ≤ 15V DS005692-35 Threshold = 0.6 (V+) + 1.4V DS005692-36 Threshold = 0.6 (V+) − 1.4V Op Amp Drive DS005692-37 Threshold ≈ +4V DS005692-38 Threshold = −4V www.national.com 6 |
Podobny numer części - LF298H |
|
Podobny opis - LF298H |