Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U1273AX Arkusz danych(PDF) 9 Page - Keysight Technologies

Numer części U1273AX
Szczegółowy opis  U1270 Series Handheld Digital Multimeters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEYSIGHT [Keysight Technologies]
Strona internetowa  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1273AX Arkusz danych(HTML) 9 Page - Keysight Technologies

Back Button U1273AX Datasheet HTML 5Page - Keysight Technologies U1273AX Datasheet HTML 6Page - Keysight Technologies U1273AX Datasheet HTML 7Page - Keysight Technologies U1273AX Datasheet HTML 8Page - Keysight Technologies U1273AX Datasheet HTML 9Page - Keysight Technologies U1273AX Datasheet HTML 10Page - Keysight Technologies U1273AX Datasheet HTML 11Page - Keysight Technologies U1273AX Datasheet HTML 12Page - Keysight Technologies U1273AX Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Specification Assumptions
– Accuracy is given as ±(% of reading + counts of least significant digit) at 23 °C ± 5 °C, with relative humidity less than
80% RH.
– AC V and AC μA/mA/A specifications are AC coupled, true RMS and are valid from 5% of range to 100% of range.
– The crest factor may be up to 3.0 at full scale except for the 1000 V range where it is 1.5 at full scale.
– For non-sinusoidal waveforms, add (2% reading + 2% full scale) typical, for crest factors up to 3.
– After Z
LOW voltage measurements, wait at least 20 minutes for thermal impact to cool before proceeding with any
other measurement.
9 | Keysight | U1270 Series Handheld Digital Multimeters - Data Sheet


Podobny numer części - U1273AX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
U1273AX KEYSIGHT-U1273AX Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Podobny opis - U1273AX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1272A KEYSIGHT-U1272A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273A KEYSIGHT-U1273A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com