Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA-0505D2LF Arkusz danych(PDF) 4 Page - Bothhand USA, LP.

Numer części BA-0505D2LF
Szczegółowy opis  2 Watt Isolated DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOTHHAND [Bothhand USA, LP.]
Strona internetowa  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BA-0505D2LF Arkusz danych(HTML) 4 Page - Bothhand USA, LP.

  BA-0505D2LF Datasheet HTML 1Page - Bothhand USA, LP. BA-0505D2LF Datasheet HTML 2Page - Bothhand USA, LP. BA-0505D2LF Datasheet HTML 3Page - Bothhand USA, LP. BA-0505D2LF Datasheet HTML 4Page - Bothhand USA, LP. BA-0505D2LF Datasheet HTML 5Page - Bothhand USA, LP. BA-0505D2LF Datasheet HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BA-2 LF - Series
2 Watt Isolated DC-DC Converter
7 . Power Derating Curve
Temperature derating graph
8 . Mechanical Dimension
Single Output SIL Package Style
Pin
1K Vdc - Single
1
-Vin
2
+Vin
3
-Vo
4
+Vo
125
100
50
0
-40
0
50
90 105
140
Printed
Face
3.05
(0.12)
Min
0.25
(0.01)
2.54
(0.10)
0.50
(0.02)
0.50
(0.02)
0.50
(0.02)
11.68
(0.46)
9.65
(0.38)
1.25
(0.05)
6.00
(0.24)
10.50
(0.41)
5.00
(0.20)
8.50
(0.33)
1.68
1.86
6.50
(0.38)
BA-0505S2 LF
Pb
Units:mm(inch)
Tolerance:xx±0.25(±0.01)
Bothhand USA
http://www.bothhandusa.com
sales@bothhandusa.com


Podobny numer części - BA-0505D2LF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bothhand USA, LP.
BA-0505D2LF BOTHHAND-BA-0505D2LF Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
More results

Podobny opis - BA-0505D2LF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bothhand USA, LP.
BA-2LF BOTHHAND-BA-2LF Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
B9LF BOTHHAND-B9LF Datasheet
183Kb / 5P
   2 Watt Isolated DC-DC Converter
BP-LF-SERIES BOTHHAND-BP-LF-SERIES Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
BDLF BOTHHAND-BDLF Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BD-LF-SERIES BOTHHAND-BD-LF-SERIES Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BPLF BOTHHAND-BPLF Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
CINCON ELECTRONICS Corp...
CQB75-300S CINCON-CQB75-300S Datasheet
400Kb / 8P
   75 WATT 2:1 INPUT ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com