Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11852FV Arkusz danych(PDF) 11 Page - ON Semiconductor

Numer części LB11852FV
Szczegółowy opis  For Fan Motor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11852FV Arkusz danych(HTML) 11 Page - ON Semiconductor

Back Button LB11852FV Datasheet HTML 4Page - ON Semiconductor LB11852FV Datasheet HTML 5Page - ON Semiconductor LB11852FV Datasheet HTML 6Page - ON Semiconductor LB11852FV Datasheet HTML 7Page - ON Semiconductor LB11852FV Datasheet HTML 8Page - ON Semiconductor LB11852FV Datasheet HTML 9Page - ON Semiconductor LB11852FV Datasheet HTML 10Page - ON Semiconductor LB11852FV Datasheet HTML 11Page - ON Semiconductor LB11852FV Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LB11852FV
No.A1112-11/12
〈LIM pin〉
The minimum speed is determined by the voltage of the LIM pin.
1) Obtain the ratio of the minimum speed required to the maximum speed.
Ra = Minimum/maximum speed … (1)
In the example shown in the figure above : Ra = minimum/maximum speed = 3000/10000 = 0.3
2) Obtain the product of the duty ratio at which the maximum speed is achieved and the value in formula (1).
Ca = Maximum speed duty ratio
× Ra … (2)
In the example given : Ca = maximum speed duty ratio
× Ra = 0.8 × 0.3 = 0.24
3) Obtain the required LIM pin voltage.
LIM = 5 - (3
× Ca) … (3)
In the example given : LIM = 5 - (3
× Ca) = 5 - (3 × 0.24) ≈ 4.3V
4) Divide the resistance of 5VREG to generate the LIM voltage.
In the example given, the voltage is 4.3V so the resistance ratio is 1 : 6.
The resistance is 10k
Ω between 5VREG and LIM and 62kΩ between LIM and GND.
(RPM)
Maximum speed
Minimum
speed setup
8000
10000
6000
4000
2000
0%
5V
100%
2V
CTL Duty(%)
CVO pin voltage (V)
VREF
LIM
5VREG
SOFT


Podobny numer części - LB11852FV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11852FV SANYO-LB11852FV Datasheet
146Kb / 12P
   Monolithic Digital IC For Fan Motor Single-phase Full-wave Pre-driver with Speed Control Function
More results

Podobny opis - LB11852FV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11988 SANYO-LB11988_08 Datasheet
85Kb / 6P
   For Refrigerator Fan Motor Driver
logo
Rohm
BD62018BFS ROHM-BD62018BFS Datasheet
1Mb / 27P
   For Air-Conditioner Fan Motor 3-Phase Brushless Fan Motor Controller
21.Jan.2022 Rev.001
logo
Sanyo Semicon Device
LB1976 SANYO-LB1976_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LB1975 SANYO-LB1975_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LV8121V SANYO-LV8121V Datasheet
230Kb / 14P
   For Fan Motor 3-phase Brushless Motor Driver
LB1991V SANYO-LB1991V_09 Datasheet
135Kb / 7P
   For Fan Motor 3-phase Brushless Motor Driver
SS30 SANYO-SS30 Datasheet
197Kb / 7P
   For Notebook PC Fan Motor Driver
LV8800V SANYO-LV8800V_12 Datasheet
107Kb / 8P
   For Notebook PC Fan Motor Driver
logo
Sharp Corporation
LT202A SHARP-LT202A Datasheet
30Kb / 3P
   GaAs Hall IC for Fan Motor
logo
Rohm
BH6766FVM ROHM-BH6766FVM Datasheet
313Kb / 5P
   Single-Phase Full-Wave Motor Driver for Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com