Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U1162A Arkusz danych(PDF) 11 Page - Agilent(Hewlett-Packard)

Numer części U1162A
Szczegółowy opis  Agilent U1250 Series Handheld Digital Multimeters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1162A Arkusz danych(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button U1162A Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1162A Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1162A Datasheet HTML 9Page - Agilent(Hewlett-Packard) U1162A Datasheet HTML 10Page - Agilent(Hewlett-Packard) U1162A Datasheet HTML 11Page - Agilent(Hewlett-Packard) U1162A Datasheet HTML 12Page - Agilent(Hewlett-Packard) U1162A Datasheet HTML 13Page - Agilent(Hewlett-Packard) U1162A Datasheet HTML 14Page - Agilent(Hewlett-Packard) U1162A Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
MEASURING ACCESSORIES (NON-TEMPERATURE)
U1583B AC current clamp
• Dual range: 40 A and 400 A
• Rated CAT III 600 V
• BNC-to-banana-plug adapter provided for
use with DMMs
U1169A Test probe leads
Includes two test leads (red and black), and a pair each
of 19-mm and 4-mm test probes.
• Test leads: CAT III 1000 V, CAT IV 600 V, 15 A
• Test probes (19-mm tip): CAT III 1000 V, CAT
IV 600 V, 15 A
• Test probes (4-mm tip): CAT III 1000 V, CAT
IV 600 V, 15 A (highly recommended for
CAT IV environment)
U1168A Standard test lead kit
Includes two test leads (red and black), 19-mm and
4-mm test probes, alligator clips, fine-tip test probes,
SMT grabbers and mini grabber (black).
• Test leads: CAT III 1000 V, CAT IV 600 V, 15 A
• Test probes (19-mm tip): CAT III 1000 V, CAT
IV 600 V, 15 A
• Test probes (4-mm tip): CAT III 1000 V, CAT
IV 600 V, 15 A (highly recommended for
CAT IV environment)
• Alligator clips: CAT III 1000 V, 10 A
• Fine-tip test probes: CAT II 300 V, 3 A
• SMT grabber: CAT II 300 V, 3 A
• Mini grabber: CAT II 300 V, 3 A
MEASURING ACCESSORIES (TEMPERATURE)
U1180A Thermocouple adapter+lead kit, J and
K types
Includes thermocouple adapter, thermocouple bead
J-type and thermocouple bead K-type.
• T/C adapter J/K-type
• T/C bead J-type: –20 °C to 200 °C
• T/C bead K-type: –20 °C to 200 °C
U1181A Immersion temperature probe
• Type-K T/C for use in oil and other liquids
• Measurement range: –50 °C to 700 ºC
• Includes adapter U1184A for connection
to DMM
U1182A Industrial surface temperature probe
• Type-K T/C for use on still surfaces
• Measurement range: –50 ºC to 400 ºC
• Includes adapter U1184A for connection
to DMM
U1183A Air temperature probe
• Type-K T/C for use in air and non-caustic gas
• Measurement range: –50 ºC to 800 ºC
• Includes adapter U1184A for connection to DMM
U1184A Temperature probe adapter
• Mini-connector-to-banana-plug adapter for
use with DMM
U1185A J-type thermocouple and adapter
• T/C adapter J/K-type
• T/C bead J-type: –20 °C to 200 °C
U1163A SMT grabbers
• One pair of SMT grabbers (red and black).
Recommended for use with Agilent standard test
leads.
• Rated CAT II 300 V, 3 A.
U1164A Fine-tip test probes
• One pair of fine-tip test probes (red and black).
Recommended for use with Agilent standard
test leads.
• Rated CAT II 300 V, 3 A.
U1165A Test probe leads
• Rated CAT III 1000 V, 15 A


Podobny numer części - U1162A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
U1162A HP-U1162A Datasheet
441Kb / 17P
   Agilent U1210 Series Handheld Clamp Meters
U1162A HP-U1162A Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
U1162A HP-U1162A Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
U1162A HP-U1162A Datasheet
1Mb / 11P
   U1600 Series Handheld Digital Oscilloscopes
More results

Podobny opis - U1162A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1252B KEYSIGHT-U1252B Datasheet
2Mb / 15P
   U1250 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com