Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U1163A Arkusz danych(PDF) 7 Page - Agilent(Hewlett-Packard)

Numer części U1163A
Szczegółowy opis  Agilent U1240 Series Handheld Handheld
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1163A Arkusz danych(HTML) 7 Page - Agilent(Hewlett-Packard)

  U1163A Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1163A Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1163A Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1163A Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1163A Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1163A Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1163A Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1163A Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1163A Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
6
STANDARD SHIPPED ITEMS
Four 1.5 V AAA Alkaline Batteries
Certificate of Calibration (CoC)
Test Probe Leads (19-mm and 4-mm tips)
Quick Start Guide
OPTIONAL ACCESSORIES
ORDERING INFORMATION
MEASURING ACCESSORIES (NON-TEMPERATURE)
U1160A Standard test lead kit
Includes two test leads (red and black), alligator clips,
fine-tip test probes, SMT grabbers and mini grabber
(black).
• Test leads: CAT III 1000 V, 15 A
• Alligator clips: CAT III 1000 V, 10 A
• Fine-tip test probes: CAT II 300 V, 3 A
• SMT grabbers: CAT II 300 V, 3 A
• Mini grabber: CAT II 300 V, 3 A
U1163A SMT grabbers
• One pair of SMT grabbers (red and black).
Recommended for use with Agilent standard test
leads.
• Rated CAT II 300 V, 3 A.
U1161A Extended test lead kit
Includes two test leads (red and black), two test probes,
medium-sized alligator clips and 4-mm banana plugs.
• Test leads: CAT III 1000 V, CAT IV 600 V, 15 A
• Test probes: CAT III 1000 V, 15 A
• Medium-sized alligator clips: CAT III 600 V, 10 A
• 4-mm banana plugs: CAT II 600 V, 10 A
U1164A Fine-tip test probes
• One pair of fine-tip test probes (red and black).
Recommended for use with Agilent standard
test leads.
• Rated CAT II 300 V, 3 A.
U1162A Alligator clips
• One pair of insulated alligator clips (red and black).
Recommended for use with Agilent standard test
leads.
• Rated CAT III 1000 V, 10 A.
U1165A Test probe leads
• Rated CAT III 1000 V, 15 A
U1583B AC current clamp
• Dual range: 40 A and 400 A
• Rated CAT III 600 V
• BNC-to-banana-plug adapter provided for
use with DMMs
U1169A Test probe leads
Includes two test leads (red and black), and a pair each
of 19-mm and 4-mm test probes.
• Test leads: CAT III 1000 V, CAT IV 600 V, 15 A
• Test probes (19-mm tip): CAT III 1000 V, CAT
IV 600 V, 15 A
• Test probes (4-mm tip): CAT III 1000 V, CAT
IV 600 V, 15 A (highly recommended for CAT IV
environment)
U1168A Standard test lead kit
Includes two test leads (red and black), 19-mm and
4-mm test probes, alligator clips, fine-tip test probes,
SMT grabbers and mini grabber (black).
• Test leads: CAT III 1000 V, CAT IV 600 V, 15 A
• Test probes (19-mm tip): CAT III 1000 V, CAT
IV 600 V, 15 A
• Test probes (4-mm tip): CAT III 1000 V, CAT
IV 600 V, 15 A (highly recommended for CAT IV
environment)
• Alligator clips: CAT III 1000 V, 10 A
• Fine-tip test probes: CAT II 300 V, 3 A
• SMT grabber: CAT II 300 V, 3 A
• Mini grabber: CAT II 300 V, 3 A
U1241A
U1242A
U1241B
U1242B


Podobny numer części - U1163A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
U1163A HP-U1163A Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
U1163A HP-U1163A Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1163A HP-U1163A Datasheet
1Mb / 11P
   U1600 Series Handheld Digital Oscilloscopes
More results

Podobny opis - U1163A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
U1242C KEYSIGHT-U1242C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1210 HP-U1210 Datasheet
441Kb / 17P
   Agilent U1210 Series Handheld Clamp Meters
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
U1250 HP-U1250 Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1701B HP-U1701B Datasheet
370Kb / 6P
   Agilent U1701B Handheld Capacitance Meter
logo
Pepperl+Fuchs Inc.
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
   Handheld
2022-05-19
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
   Handheld
2022-05-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com