Zakładka z wyszukiwarką danych komponentów |
|
MTB013N10RQ8 Arkusz danych(PDF) 5 Page - Cystech Electonics Corp. |
|
MTB013N10RQ8 Arkusz danych(HTML) 5 Page - Cystech Electonics Corp. |
5 / 9 page CYStech Electronics Corp. Spec. No. : C053Q8 Issued Date : 2016.08.26 Revised Date : 2016.08.29 Page No. : 5/9 MTB013N10RQ8 CYStek Product Specification Typical Characteristics(Cont.) Capacitance vs Drain-to-Source Voltage 1 10 100 1000 10000 010 20 30 40 50 Threshold Voltage vs Junction Tempearture 0.4 0.6 0.8 1.0 1.2 1.4 -75 -50 -25 0 25 50 75 100 125 150 175 Tj, Junction Temperature(°C) VDS, Drain-Source Voltage(V) C oss Ciss Crss f=1MHz ID=250 μA ID=1mA Forward Transfer Admittance vs Drain Current 0.01 0.1 1 10 100 0.001 0.01 0.1 1 10 100 ID, Drain Current(A) Pulsed Ta=25°C VDS=15V VDS=10V Gate Charge Characteristics 0 2 4 6 8 10 0 5 10 15 20 25 30 35 40 45 50 Qg, Total Gate Charge(nC) ID=10A VDS=80V Maximum Safe Operating Area 0.01 0.1 1 10 100 0.01 0.1 1 10 100 1000 VDS, Drain-Source Voltage(V) DC 100ms 1s 10ms 100 μs 1ms RDS(ON) Limited TA=25°C, Tj=150°C VGS=10V,RθJA=40°C/W Single Pulse Maximum Drain Current vs Junction Temperature 0 2 4 6 8 10 12 25 50 75 100 125 150 175 Tj, Junction Temperature(°C) TA=25°C,RθJA=40°C/W,VGS=10V |
Podobny numer części - MTB013N10RQ8 |
|
Podobny opis - MTB013N10RQ8 |