Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN7407NSR Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części SN7407NSR
Szczegółowy opis  Hex Buffers and Drivers With Open-Collector High-Voltage Outputs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN7407NSR Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button SN7407NSR Datasheet HTML 4Page - Texas Instruments SN7407NSR Datasheet HTML 5Page - Texas Instruments SN7407NSR Datasheet HTML 6Page - Texas Instruments SN7407NSR Datasheet HTML 7Page - Texas Instruments SN7407NSR Datasheet HTML 8Page - Texas Instruments SN7407NSR Datasheet HTML 9Page - Texas Instruments SN7407NSR Datasheet HTML 10Page - Texas Instruments SN7407NSR Datasheet HTML 11Page - Texas Instruments SN7407NSR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
6 k
Input A
Output Y
GND
VCC
3.4 k
1.6 k
100
1 k
Copyright © 2016, Texas Instruments Incorporated
8
SN5407, SN5417, SN7407, SN7417
SDLS032H – DECEMBER 1983 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: SN5407 SN5417 SN7407 SN7417
Submit Documentation Feedback
Copyright © 1983–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The SN74x7 is a high sink current capable open-collector buffer. This device is high-voltage tolerant on the
output of up to 30 V on the SNx407 model and 15 V on the SNx417 model. The SN74x7 is also useful for
converting TTL voltage levels to MOS levels.
8.2 Functional Block Diagram
Resister values shown are nominal.
Figure 3. Schematic
8.3 Feature Description
The SNx407 and SNx417 devices are ideal for high voltage outputs. The SNx407 device has a maximum output
voltage 30 V and the SNx417 device has a maximum output voltage 15 V.
The high sink current is up to 40 mA for the SN74x7.
8.4 Device Functional Modes
Table 1 lists the functions of the devices.
Table 1. Function Table
INPUT
A
OUTPUT
Y
H
High-Z
L
L


Podobny numer części - SN7407NSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN7407NSR TI-SN7407NSR Datasheet
80Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7407NSR TI-SN7407NSR Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7407NSR TI-SN7407NSR Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7407NSRE4 TI-SN7407NSRE4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7407NSRG4 TI-SN7407NSRG4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
More results

Podobny opis - SN7407NSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN5407 TI-SN5407 Datasheet
80Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54LS07 TI-SN54LS07_91 Datasheet
52Kb / 4P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54LS07 TI-SN54LS07_08 Datasheet
513Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7417J TI-SN7417J Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
KODENSHI_AUK CORP.
KK7407 KODENSHI-KK7407 Datasheet
195Kb / 4P
   Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
logo
Texas Instruments
SN7407DE4 TI-SN7407DE4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Renesas Technology Corp
HD74LS07 RENESAS-HD74LS07 Datasheet
53Kb / 5P
   Hex Buffers / Drivers (With Open Collector High-Voltage Outputs)
logo
Integral Corp.
IN7407 INTEGRAL-IN7407 Datasheet
144Kb / 4P
   Hex Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
IK Semicon Co., Ltd
IN7407 IKSEMICON-IN7407 Datasheet
146Kb / 4P
   Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
logo
Texas Instruments
SN7407DG4 TI-SN7407DG4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com