Zakładka z wyszukiwarką danych komponentów |
|
CS-4-23NA Arkusz danych(PDF) 3 Page - Copal Electronics |
|
CS-4-23NA Arkusz danych(HTML) 3 Page - Copal Electronics |
3 / 7 page CS-4 ROTARY SELECTOR SWITCHES (SMD) ■ STANDARD SPECIFICATIONS Circuit type Operating temperature range Storage temperature range Sealing Net weight 1 pole 2 contacts 2 poles 2 contacts 1 pole 3 contacts 1 pole 4 contacts −25 ~ 70 °C −40 ~ 70 °C Washable by “O” ring ※ Please refer to page 150, 151 Approx. 0.08 g (CS-4-12, CS-4-13) Approx. 0.1 g (CS-4-14, CS-4-22) Contact rating Maximum current Minimum current Maximum voltage Minimum voltage Contact timing Contact resistance Insulation resistance Dielectric strength 0.5 VA 100 mA 1 μA 16 V 20 mV Non-shorting 100 m Ω maximum 100 M Ω (DC500 V) minimum AC500 V, 60 s ■ MECHANICAL CHARACTERISTICS ■ ELECTRICAL CHARACTERISTICS ■ ENVIRONMENTAL CHARACTERISTICS 〈Reflow profile for soldering heat evaluation〉 Reflow : two times maximum Peak : 250 Over 230 C Pre Heating Zone 180 C (C) 250 200 150 100 50 150 C 90 30 s 30 10 s Soldering Zone Heating time C +5 0 Vibration Shock Load life Humidity (Steady state) High temperature exposure Low temperature exposure Thermal shock Amplitude 1.5 mm or Acceleration 98 m/s2, 10-500-10 Hz, 3 directions for 2 h each 490 m/s2, 11 ms 6 directions for 3 times each 200 cycles minimum DC16 V, 30 mA 40 °C, Relative humidity 90 ~ 95 %, 48 h 70 °C, 16 h −40 °C, 16 h −40 (0.5 h) ~ 70 °C (0.5 h), 5 cycles No. of positions Adjustment torque Stopper strength Stepping angle 2, 3, 4 10 mN·m {102 gf·cm} maximum 25 mN·m {255 gf·cm} minimum 45° 90° (CS-4-12X only) 245 ± 3 °C, 2 ~ 3 s Flow : 260 ± 3 °C as the temperature in a pot of molten solder, immersion from head of ter- minal to backside of board, 5 ~ 6 s, two times maximum Reflow : Peak temperature 255 °C (Please refer to the profile below.) Manual soldering :350 ± 10 °C, 3 ~ 4 s Soldering heat Shear (Adhesion) 5 N {0.51 kgf}, 10 s Substrate bending Width 90 mm, bend 3 mm, 5 s, 1 time Pull-off strength 5 N {0.51 kgf}, 10 s { } : Reference only |
Podobny numer części - CS-4-23NA |
|
Podobny opis - CS-4-23NA |