Zakładka z wyszukiwarką danych komponentów |
|
LM1117DTX-1.8 Arkusz danych(PDF) 11 Page - National Semiconductor (TI) |
|
|
LM1117DTX-1.8 Arkusz danych(HTML) 11 Page - National Semiconductor (TI) |
11 / 21 page Application Note (Continued) The LM1117 regulators have internal thermal shutdown to protect the device from over-heating. Under all possible operating conditions, the junction temperature of the LM1117 must be within the range of 0˚C to 125˚C. A heatsink may be required depending on the maximum power dissipation and maximum ambient temperature of the application. To deter- mine if a heatsink is needed, the power dissipated by the regulator, P D , must be calculated: I IN =IL +IG P D =(VIN-VOUT)I L +VINIG Figure 6 shows the voltages and currents which are present in the circuit. The next parameter which must be calculated is the maxi- mum allowable temperature rise, T R(max): T R(max) = TJ(max)-TA(max) where T J(max) is the maximum allowable junction tempera- ture (125˚C), and T A(max) is the maximum ambient tem- perature which will be encountered in the application. Using the calculated values for T R(max) and PD, the maxi- mum allowable value for the junction-to-ambient thermal resistance ( θ JA) can be calculated: θ JA =TR(max)/PD If the maximum allowable value for θ JA is found to be ≥136˚C/W for SOT-223 package or ≥79˚C/W for TO-220 package or ≥92˚C/W for TO-252 package, no heatsink is needed since the package alone will dissipate enough heat to satisfy these requirements. If the calculated value for θ JA falls below these limits, a heatsink is required. As a design aid, Table 1 shows the value of the θ JA of SOT-223 and TO-252 for different heatsink area. The copper patterns that we used to measure these θ JAs are shown at the end of the Application Notes Section. Figure 7 and Figure 8 reflects the same test results as what are in the Table 1 Figure 9 and Figure 10 shows the maximum allowable power dissipation vs. ambient temperature for the SOT-223 and TO-252 device. Figures Figure 11 and Figure 12 shows the maximum allowable power dissipation vs. copper area (in 2) for the SOT-223 and TO-252 devices. Please see AN1028 for power enhancement techniques to be used with SOT-223 and TO-252 packages. *Application Note AN-1187 discusses improved thermal per- formance and power dissipation for the LLP. TABLE 1. θ JA Different Heatsink Area Layout Copper Area Thermal Resistance Top Side (in 2)* Bottom Side (in 2)( θ JA,˚C/W) SOT-223 ( θ JA,˚C/W) TO-252 1 0.0123 0 136 103 2 0.066 0 123 87 3 0.3 0 84 60 4 0.53 0 75 54 5 0.76 0 69 52 61 0 66 47 7 0 0.2 115 84 8 0 0.4 98 70 9 0 0.6 89 63 10 0 0.8 82 57 11 0 1 79 57 12 0.066 0.066 125 89 13 0.175 0.175 93 72 10091937 FIGURE 5. Cross-sectional view of Integrated Circuit Mounted on a printed circuit board. Note that the case temperature is measured at the point where the leads contact with the mounting pad surface 10091916 FIGURE 6. Power Dissipation Diagram www.national.com 11 |
Podobny numer części - LM1117DTX-1.8 |
|
Podobny opis - LM1117DTX-1.8 |