Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3A226E Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części TS3A226E
Szczegółowy opis  Autonomous Audio Headset Switch with Reduced GND Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A226E Arkusz danych(HTML) 2 Page - Texas Instruments

  TS3A226E Datasheet HTML 1Page - Texas Instruments TS3A226E Datasheet HTML 2Page - Texas Instruments TS3A226E Datasheet HTML 3Page - Texas Instruments TS3A226E Datasheet HTML 4Page - Texas Instruments TS3A226E Datasheet HTML 5Page - Texas Instruments TS3A226E Datasheet HTML 6Page - Texas Instruments TS3A226E Datasheet HTML 7Page - Texas Instruments TS3A226E Datasheet HTML 8Page - Texas Instruments TS3A226E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
C
B
A
1
2
3
A1
A2
A3
B1
B2
B3
C1
C2
C3
C
B
A
3
2
1
A3
A2
A1
B3
B2
B1
C3
C2
C1
Not Recommended for New Designs
TS3A226E
SCDS340 – MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PACKAGE; YFF-WCSP
Top View/Footprint
Bump View
Die Size: 1.2mm ×1.2mm
Bump Size: 0.25mm
Bump Pitch: 0.4mm
TS3A226E Pin Mapping (Top View)
3
2
1
C
GND
TIP
EN
B
SLEEVE
GNDA
MICp
A
RING2
GNDB
VDD
PIN FUNCTIONS
PIN
DESCRIPTION
NUMB
NAME
TYPE
ER
A1
VDD
Supply
Power supply for the chip.
A2
GNDB
Ground
FET2 ground reference.
A3
RING2
I/O
Connected to the RING2 segment of the jack. The pin will be routed automatically by TS3A226E to either
MICp or GNDB depending on the type of accessory.
B1
MICp
I/O
Microphone signal connection to codec. Microphone bias should be fed into this pin.
B2
GNDA
Ground
FET1 ground reference.
B3
SLEEVE
I/O
Connected to the SLEEVE segment of the jack. The pin will be routed automatically by TS3A226E to
either MICp or GNDA depending on the type of accessory.
C1
EN
Input
A rising edge triggers the detection sequence. This pin can be connected to the headset jack to allow
automatic pull-up to supply after headset insertion.
C2
TIP
I/O
Connected to the TIP segment of the headphone jack.
C3
GND
Ground
Chip ground reference.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TS3A226E


Podobny numer części - TS3A226E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A226AE TI-TS3A226AE Datasheet
733Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226AE TI1-TS3A226AE Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226AEYFFR TI-TS3A226AEYFFR Datasheet
733Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226AEYFFR TI1-TS3A226AEYFFR Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226AE TI1-TS3A226AE_14 Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
More results

Podobny opis - TS3A226E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A226AE TI1-TS3A226AE_14 Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226AE TI-TS3A226AE Datasheet
733Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E_17 Datasheet
1Mb / 37P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A227E TI1-TS3A227E Datasheet
1Mb / 59P
[Old version datasheet]   Autonomous Audio Accessory Detection and Configuration Switch
logo
ON Semiconductor
NL3S325 ONSEMI-NL3S325 Datasheet
167Kb / 7P
   Audio Jack GND/MIC Configuration Switch
June, 2018 ??Rev. 1
FSA850 ONSEMI-FSA850 Datasheet
422Kb / 10P
   Audio 3-Pole / 4-Pole MIC-GND Switch
June 2016 Rev. 1.12
logo
Fairchild Semiconductor
FSA850 FAIRCHILD-FSA850 Datasheet
1Mb / 3P
   Audio 3-Pole / 4-Pole MIC-GND Switch
logo
Reed Relays and Electro...
RM-1318-L RRE-RM-1318-L Datasheet
109Kb / 1P
   Reduced-miniature Reed Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com