Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3A226E Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części TS3A226E
Szczegółowy opis  Autonomous Audio Headset Switch with Reduced GND Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A226E Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TS3A226E Datasheet HTML 3Page - Texas Instruments TS3A226E Datasheet HTML 4Page - Texas Instruments TS3A226E Datasheet HTML 5Page - Texas Instruments TS3A226E Datasheet HTML 6Page - Texas Instruments TS3A226E Datasheet HTML 7Page - Texas Instruments TS3A226E Datasheet HTML 8Page - Texas Instruments TS3A226E Datasheet HTML 9Page - Texas Instruments TS3A226E Datasheet HTML 10Page - Texas Instruments TS3A226E Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(0.4) TYP
(0.4) TYP
9X (
0.25)
(R0.05) TYP
METAL
TYP
DSBGA - 0.625 mm max height
YFF0009
DIE SIZE BALL GRID ARRAY
4219552/A 05/2016
NOTES: (continued)
4. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release.
SYMM
SYMM
C
1
2
3
A
B
SOLDER PASTE EXAMPLE
BASED ON 0.1 mm THICK STENCIL
SCALE:30X


Podobny numer części - TS3A226E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A226AE TI-TS3A226AE Datasheet
733Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226AE TI1-TS3A226AE Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226AEYFFR TI-TS3A226AEYFFR Datasheet
733Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226AEYFFR TI1-TS3A226AEYFFR Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226AE TI1-TS3A226AE_14 Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
More results

Podobny opis - TS3A226E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A226AE TI1-TS3A226AE_14 Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226AE TI-TS3A226AE Datasheet
733Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E_17 Datasheet
1Mb / 37P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A227E TI1-TS3A227E Datasheet
1Mb / 59P
[Old version datasheet]   Autonomous Audio Accessory Detection and Configuration Switch
logo
ON Semiconductor
NL3S325 ONSEMI-NL3S325 Datasheet
167Kb / 7P
   Audio Jack GND/MIC Configuration Switch
June, 2018 ??Rev. 1
FSA850 ONSEMI-FSA850 Datasheet
422Kb / 10P
   Audio 3-Pole / 4-Pole MIC-GND Switch
June 2016 Rev. 1.12
logo
Fairchild Semiconductor
FSA850 FAIRCHILD-FSA850 Datasheet
1Mb / 3P
   Audio 3-Pole / 4-Pole MIC-GND Switch
logo
Reed Relays and Electro...
RM-1318-L RRE-RM-1318-L Datasheet
109Kb / 1P
   Reduced-miniature Reed Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com