Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC75836W Arkusz danych(PDF) 11 Page - ON Semiconductor

Numer części LC75836W
Szczegółowy opis  1/4-Duty General-Purpose LCD Display Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75836W Arkusz danych(HTML) 11 Page - ON Semiconductor

Back Button LC75836W Datasheet HTML 7Page - ON Semiconductor LC75836W Datasheet HTML 8Page - ON Semiconductor LC75836W Datasheet HTML 9Page - ON Semiconductor LC75836W Datasheet HTML 10Page - ON Semiconductor LC75836W Datasheet HTML 11Page - ON Semiconductor LC75836W Datasheet HTML 12Page - ON Semiconductor LC75836W Datasheet HTML 13Page - ON Semiconductor LC75836W Datasheet HTML 14Page - ON Semiconductor LC75836W Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LC75836W
No.A0428-11/18
Control Data Functions
1. FC0 to FC2: Common/segment output waveform frame frequency control data
These control data bits set the frame frequency of the common and segment output waveforms.
Control data
FC0
FC1
FC2
Frame frequency fo [Hz]
1
1
0
fosc/768,fCK/768
1
1
1
fosc/576,fCK/576
0
0
0
fosc/384,fCK/384
0
0
1
fosc/288,fCK/288
0
1
0
fosc/192,fCK/192
2. P0 to P2: Segment output port/general-purpose output port switching control data
These control data bits switch the segment output port/general-purpose output port functions of the S1/P1 to S4/P4
output pins.
Control data
Output pin state
P0
P1
P2
S1/P1
S2/P2
S3/P3
S4/P4
0
0
0
S1
S2
S3
S4
0
0
1
P1
S2
S3
S4
0
1
0
P1
P2
S3
S4
0
1
1
P1
P2
P3
S4
1
0
0
P1
P2
P3
P4
Note: Sn (n = 1 to 4): Segment output ports
Pn (n = 1 to 4): General-purpose output ports
Note that when the general-purpose output port function is selected, the correspondence between the output pins and
the display data will be that shown in the table.
Output pin
Corresponding display data
S1/P1
D1
S2/P2
D5
S3/P3
D9
S4/P4
D13
For example, if the general-purpose output port function is selected for the S4/P4 output pin, that output pin will
output a high level (VDD) when the display data D13 is 1, and a low level (VSS) when the D13 is 0.
3. OC: RC oscillator operating mode/external clock operating mode switching control data.
This control data bit switches the OSC pin function
(either RC oscillator operating mode or external clock operating mode).
OC
OSC pin function
0
RC oscillator operating mode
1
External clock operating mode
Note: An external resistor, Rosc, and an external capacitor, Cosc, must be connected to the OSC pin if RC oscillator
operating mode is selected.
4. SC: Segment on/off control data
This control data bit controls the on/off state of the segments.
SC
Display state
0
On
1
Off
Note that when the segments are turned off by setting SC to 1, the segments are turned off by outputting segment off
waveforms from the segment output pins.


Podobny numer części - LC75836W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75836W SANYO-LC75836W Datasheet
145Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75836WS-T ONSEMI-LC75836WS-T Datasheet
144Kb / 18P
   General-Purpose LCD Driver
June 2015 - Rev. 0
LC75836WS-T ONSEMI-LC75836WS-T Datasheet
263Kb / 17P
   1/4-Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75836WS-T-E ONSEMI-LC75836WS-T-E Datasheet
144Kb / 18P
   General-Purpose LCD Driver
June 2015 - Rev. 0
LC75836WS-T-E ONSEMI-LC75836WS-T-E Datasheet
263Kb / 17P
   1/4-Duty General-Purpose LCD Driver
June 2017 - Rev. 1
More results

Podobny opis - LC75836W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75824E SANYO-LC75824E Datasheet
336Kb / 16P
   1/4 Duty General-Purpose LCD Display Driver???
LC75874E SANYO-LC75874E Datasheet
431Kb / 16P
   1/4-Duty General-Purpose LCD Display Driver
LC75844M SANYO-LC75844M_08 Datasheet
207Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
EN6235 ONSEMI-EN6235 Datasheet
180Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75836W SANYO-LC75836W Datasheet
145Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT16517 PTC-PT16517 Datasheet
563Kb / 5P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
logo
Sanyo Semicon Device
LC75829PE SANYO-LC75829PE Datasheet
172Kb / 22P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
LC75839PW SANYO-LC75839PW Datasheet
229Kb / 27P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com